Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9060 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9060
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9060 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9060 Datasheet HTML 1Page - Maxim Integrated Products MAX9060 Datasheet HTML 2Page - Maxim Integrated Products MAX9060 Datasheet HTML 3Page - Maxim Integrated Products MAX9060 Datasheet HTML 4Page - Maxim Integrated Products MAX9060 Datasheet HTML 5Page - Maxim Integrated Products MAX9060 Datasheet HTML 6Page - Maxim Integrated Products MAX9060 Datasheet HTML 7Page - Maxim Integrated Products MAX9060 Datasheet HTML 8Page - Maxim Integrated Products MAX9060 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, VREF = 1.8V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9060–MAX9063, GND = 0, TA = +25°C, unless otherwise noted.)
MAX9060 SUPPLY CURRENT
vs. REF VOLTAGE
REF VOLTAGE (V)
5
4
3
2
1
50
100
150
200
250
0
06
+85
°C
-40
°C
+25
°C
MAX9064 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
1
200
400
600
800
1000
0
06
+85
°C
-40
°C
+25
°C
MAX9060 SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (kHz)
1
0.1
1
10
100
0.01
0.1
10
VREF = 5V
VREF = 3.3V
VREF = 1.8V
MAX9064 SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (kHz)
110
10
100
1
0.1
100
VREF = 5V
VREF = 3.3V
VREF = 1.8V
MAX9060 AND MAX9064 OUTPUT
VOLTAGE LOW vs. SINK CURRENT
SINK CURRENT (mA)
6
2
0.5
1.0
0.1
0.6
0.4
0.9
0.3
0.8
0.2
0.7
0
048
VCC/VREF = 3.3V
VCC/VREF = 1.8V
VCC/VREF = 5V
MAX9064 OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
0.5
1.0
0.1
0.6
0.4
0.9
0.3
0.8
0.2
0.7
0
0
1.5
1.0
2.5
3.0
0.5
2.0
VCC = 3.3V
VCC = 1.8V
VCC = 5V
MAX9060 OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0.5
1.0
0.1
0.6
0.4
0.9
0.3
0.8
0.2
0.7
0
-40
60
35
-15
85
10
VREF = 1.8V
MAX9060 HYSTERESIS VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
10
16
2
12
8
6
4
14
0
-40
60
35
-15
85
10
VREF = 1.8V
MAX9060 INPUT BIAS CURRENT
vs. INPUT BIAS VOLTAGE
INPUT BIAS VOLTAGE (V)
20
30
0
25
15
10
5
-5
-1
1
036
4
25
VREF = 1.8V


Similar Part No. - MAX9060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
350Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 2; 10/10
MAX9060 MAXIM-MAX9060 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9060 MAXIM-MAX9060 Datasheet
205Kb / 7P
   Fully Assembled and Tested
Rev 0; 11/08
MAX9060EBS MAXIM-MAX9060EBS Datasheet
350Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 2; 10/10
MAX9060EBSG45 MAXIM-MAX9060EBSG45 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
More results

Similar Description - MAX9060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9060 MAXIM-MAX9060_10 Datasheet
350Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 2; 10/10
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com