Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

447SS331XW18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447SS331XW18
Description  Composite EMI/RFI Dual-Banding Backshell with Self-Locking Rotatable Coupling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447SS331XW18 Datasheet(HTML) 1 Page - Glenair, Inc.

  447SS331XW18 Datasheet HTML 1Page - Glenair, Inc. 447SS331XW18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-84
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-331
Composite EMI/RFI Dual-Banding Backshell
with Self-Locking Rotatable Coupling
NOTES
Metric dimensions (mm) are in parenthesis and are for reference only.
1.
Coupling nut supplied unplated.
2.
See Table I in Intro for front-end dimensional details.
3.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
E
F
G
Accommodates
600-052-1 Band
1.75
(44.5)
Entry
Diameter
Drain Holes
(Optional)
O-Ring
(Not supplied with
Drain Hole Option)
.94
(23.9)
.44 (11.2)
.38 (9.7)
Anti-Decoupling
Device
Pigtail
Termination
Slot
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 H S 331 XM 19 12 D K S
Angle and Profile
S - Straight
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Drain Hole Option
(Omit "D" if not required)
Band Option
2 bands supplied
with
K option
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)


Similar Part No. - 447SS331XW18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447SS330XM08 GLENAIR-447SS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447SS330XM10 GLENAIR-447SS330XM10 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447SS330XM12 GLENAIR-447SS330XM12 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447SS330XM14 GLENAIR-447SS330XM14 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447SS330XM16 GLENAIR-447SS330XM16 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
More results

Similar Description - 447SS331XW18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM072NF08 GLENAIR-440AM072NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
440AM075NF08 GLENAIR-440AM075NF08 Datasheet
48Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com