Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8896 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8896
Description  Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8896 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8896 Datasheet HTML 3Page - Maxim Integrated Products MAX8896 Datasheet HTML 4Page - Maxim Integrated Products MAX8896 Datasheet HTML 5Page - Maxim Integrated Products MAX8896 Datasheet HTML 6Page - Maxim Integrated Products MAX8896 Datasheet HTML 7Page - Maxim Integrated Products MAX8896 Datasheet HTML 8Page - Maxim Integrated Products MAX8896 Datasheet HTML 9Page - Maxim Integrated Products MAX8896 Datasheet HTML 10Page - Maxim Integrated Products MAX8896 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Dual PWM Step-Down Converter in a 2mm x
2mm Package for WCDMA PA and RF Power
_______________________________________________________________________________________
7
10
µs/div
OUT1 LOAD TRANSIENT RESPONSE
IOUT
200mA/div
100mV/div
(AC-COUPLED)
MAX8896 toc16
VPA
500mA
0mA
10
µs/div
OUT1 REFIN TRANSIENT RESPONSE
VREFIN
500mV/div
500mV/div
1A/div
MAX8896 toc17
VPA
IL1
0.72V
0.2V
1.8V
0.5V
2.5
Ω LOAD
10
µs/div
OUT1 REFIN TRANSIENT RESPONSE
WITH BYPASS EVENT
VREFIN
1V/div
1V/div
1A/div
MAX8896 toc18
VPA
IL1
3.3V
0.6V
1.8V
0
30
20
10
40
50
60
70
80
90
100
0
50
100
150
200
OUT2 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
VCC = 4.2V
VCC = 3.6V
VCC = 3.2V
20
µs/div
OUT1 LINE TRANSIENT RESPONSE
VIN
500mV/div
10mV/div
(AC-COUPLED)
200mA/div
MAX8896 toc15
VPA
IL1
50mA LOAD
4.0V
3.5V
Typical Operating Characteristics (continued)
(VCC = VIN1 = VIN2 = 3.6V, VREFIN = 0.72V, circuit of Figure 3, TA = +25°C, unless otherwise noted.)
3.04
3.05
3.06
3.07
3.08
3.09
3.10
3.11
3.12
0
50
100
150
200
*OUT2 IN DROPOUT
OUT2 VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VCC = 3.6V
VCC = 3.2V*
VCC = 4.2V


Similar Part No. - MAX8896

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX889 MAXIM-MAX889 Datasheet
301Kb / 8P
   High-Frequency, Regulated, 200mA, Inverting Charge Pump
MAX8890 MAXIM-MAX8890 Datasheet
233Kb / 12P
   Integrated Cellular RF-Section Power-Management IC
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891EXK15+T MAXIM-MAX8891EXK15+T Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
More results

Similar Description - MAX8896

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Skyworks Solutions Inc.
AAT2113B SKYWORKS-AAT2113B Datasheet
3Mb / 22P
   3.3MHz, Fast Transient 1.5A Step-Down Converter in an 2mm x 2mm Package
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Maxim Integrated Produc...
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
logo
Analog Devices
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com