Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8892 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8892
Description  High PSRR, Low-Dropout, 150mA Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8892 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8892 Datasheet HTML 1Page - Maxim Integrated Products MAX8892 Datasheet HTML 2Page - Maxim Integrated Products MAX8892 Datasheet HTML 3Page - Maxim Integrated Products MAX8892 Datasheet HTML 4Page - Maxim Integrated Products MAX8892 Datasheet HTML 5Page - Maxim Integrated Products MAX8892 Datasheet HTML 6Page - Maxim Integrated Products MAX8892 Datasheet HTML 7Page - Maxim Integrated Products MAX8892 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High PSRR, Low-Dropout, 150mA
Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 0.5V, TA = -40°C to +85°C, unless otherwise noted. CIN = 1µF, COUT = 1µF. Typical values are at TA = +25°C; the
MAX8892 is tested with 2.45V output, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +7V
Output Short-Circuit Duration.....................................Continuous
OUT, SHDN to GND ......................................-0.3V to (IN + 0.3V)
FB, BP, N.C. to GND..................................-0.3V to (OUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............0.247W
θJA
5-Pin SC70 .................................................................324°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
26
V
Output Voltage Accuracy
IOUT = 100µA to 80mA
-3
+3
%
Maximum Output Current
IOUT
150
mA
Current Limit
ILIM
OUT = 90% of nominal value
200
mA
VOUT
≥ 3V, IOUT = 120mA
120
2.5V
≤ VOUT < 3V, IOUT = 120mA
135
Dropout Voltage (Note 2)
2V
≤ VOUT < 2.5V, IOUT = 120mA
180
mV
Ground Current
IQ
IOUT = 0.05mA
40
µA
Line Regulation
VLNR
VIN = (VOUT + 0.5V) to 6V, IOUT = 0.1mA
0.001
%/V
Load Regulation
VLDR
IOUT = 1mA to 80mA
0.003
%/mA
TA = +25°C
0.003
1
Shutdown Supply Current
ISHDN
SHDN = 0V
TA = +85°C
0.05
µA
Ripple Rejection
PSRR
f = 10kHz, IOUT = 10mA
65
dB
Output Noise Voltage (RMS)
f = 100Hz to 100kHz, ILOAD = 80mA
230
µV
SHDN Logic-Low Level
VIN = 2V to 6V
0.4
V
SHDN Logic-High Level
VIN = 2V to 6V
1.5
V
TA = +25°C
SHDN Input Bias Current
VIN = 6V, SHDN =
0V or 6V
TA = +85°C
0.01
µA
TA = +25°C
0.006
0.1
FB Input Bias Current (MAX8892)
VIN = 6V,
VFB = 1.3V
TA = +85°C
0.01
µA
Thermal Shutdown
160
°C
Thermal-Shutdown Hysteresis
10
°C
Note 1: Limits are 100% tested at TA = +25°C. Limits over operating temperature range are guaranteed by design.
Note 2: Dropout is defined as VIN - VOUT when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.


Similar Part No. - MAX8892

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8892 MAXIM-MAX8892 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8892EXK+T MAXIM-MAX8892EXK+T Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
More results

Similar Description - MAX8892

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com