Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8884Y Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8884Y
Description  700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8884Y Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8884Y Datasheet HTML 1Page - Maxim Integrated Products MAX8884Y Datasheet HTML 2Page - Maxim Integrated Products MAX8884Y Datasheet HTML 3Page - Maxim Integrated Products MAX8884Y Datasheet HTML 4Page - Maxim Integrated Products MAX8884Y Datasheet HTML 5Page - Maxim Integrated Products MAX8884Y Datasheet HTML 6Page - Maxim Integrated Products MAX8884Y Datasheet HTML 7Page - Maxim Integrated Products MAX8884Y Datasheet HTML 8Page - Maxim Integrated Products MAX8884Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
700mA DC-DC Step-Down Converters
with Dual 300mA LDO in 2mm x 2mm CSP
_______________________________________________________________________________________
5
MAX8884Z STEP-DOWN CONVERTER
LINE TRANSIENT RESPONSE
MAX8884Y/Z toc12
10
μs/div
ILX
VIN
VOUT
0A
1V/div
200mA/div
AC-COUPLED
20mV/div
ILOAD = 500mA
4V
4V
3.5V
MAX8884Y STEP-DOWN CONVERTER
LOAD TRANSIENT
MAX8884Y/Z toc14
20
μs/div
ILX
VOUT
IOUT
0A
1.8V DC OFFSET
100mV/div
500mA/div
500mA/div
0A
500mA
10mA
10mA
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = VIN1A = VIN1B = VIN2 = 3.6V, VBUCK = 1.2V, VLDO1 = 1.8V, VLDO2 = 2.8V, MAX8884YEVKIT, TA = +25°C, unless otherwise noted.)
MAX8884Y STEP-DOWN CONVERTER
LINE TRANSIENT RESPONSE
MAX8884Y/Z toc11
10
μs/div
ILX
VIN
VOUT
0A
1V/div
200mA/div
AC-COUPLED
20mV/div
ILOAD = 500mA
3.5V
4V
4V
MAX8884Z STEP-DOWN CONVERTER
LOAD TRANSIENT
MAX8884Y/Z toc13
20
μs/div
VOUT
ILX
IOUT
0A
500mA/div
0A
500mA/div
1.8V DC OFFSET
100mV/div
10mA
10mA
500mA
MAX8884Y STEP-DOWN CONVERTER
SOFT-START WAVEFORMS
MAX8884Y/Z toc10
40
μs/div
ILX
IIN1
VOUT
VBUCK_EN
0A
2V/div
500mA/div
0A
200mA/div
0V
1V/div
0V
ILOAD = 500mA
MAX8884Z STEP-DOWN CONVERTER
SOFT-START WAVEFORMS
MAX8884Y/Z toc09
40
μs/div
IIN1
VOUT
ILX
VBUCK_EN
0A
2V/div
500mA/div
0A
200mA/div
0V
1V/div
0V
ILOAD = 500mA


Similar Part No. - MAX8884Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
MAX8884YEREKE+T MAXIM-MAX8884YEREKE+T Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results

Similar Description - MAX8884Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Analog Devices
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
   Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
logo
Analog Devices
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
   Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com