Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPJ4016 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPJ4016
Description  Dual USB / Gigabit Filter Port Jacks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPJ4016 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPJ4016 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
Dual USB / Gigabit Filter Port Jacks
CSJ4016
Rev. 1
1/29/03
• Space saving RJ-45/USB Connectors •
• Thermo Plastic PBT UL94V-0 Rated Connector Housing •
• Metal Shield : Nickel Plated Copper Alloy •
• Pins : 0.018 Tin-Coated Copper Wire •
Schematic
Package
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPJ4016
LED 1
Yellow
12
11
16
LED 2
Green/Orange
15
.318
1.17
Recommended PCB Footprint
Component Side
1.036
Marking :
PCA
EPJ4016
D.C.
.735
Max.
.830
± .020
.135 Max.
• LEDs : Vf=2.1V Typ. @ 20 mA • Isolation : 1500 Vrms
• Operating Temperature : 0°C to +70°C •
LED 2
LED 1
Ø=.072 4 Plcs
.096
.466
.080
.240
.570
.242
Ø =.042 4 Plcs
Ø=.038 6 Plcs
.140
.320
.276
.079
.147
.257
.517
.360
.565
.635
.370
.400
.170
C
L
21
43
65
7
8
16
9
15 14 131211
10
Pin Assignment
1
J1
J2
3
2
J3
J6
5
4J4
J5
8
7J7
J8
10
9
6
75
75
75
75
1000 pF/2K V
Ø=0.035
18 Plcs.
0.160
Return Loss
(dB Min.)
CMRR
(dB Min.)
-30
1-80
MHz
-12
80
MHz
-15
60
MHz
Insertion Loss
(dB Max.)
-1.1
1-65
MHz
-18
1-40
MHz
CMDR
(dB Min.)
-60
1
MHz
OCL
(µH Min.)
350
@ 100 KHz,
0.1 Vrms
8 mA DC Bias
-40
Crosstalk
(dB Min.)
1-40
MHz
65-100
MHz
-1
100-125
MHz
-1.5
100
MHz
-10
30
MHz
-40
50
MHz
-35
100
MHz
-30
-35
60
MHz
-30
100
MHz
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
J1
.150
.040
min.


Similar Part No. - EPJ4016

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ4016 PCA-EPJ4016_15 Datasheet
98Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
More results

Similar Description - EPJ4016

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ4017 PCA-EPJ4017_15 Datasheet
99Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4014 PCA-EPJ4014_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4020 PCA-EPJ4020_15 Datasheet
99Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4022 PCA-EPJ4022_15 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4024 PCA-EPJ4024_15 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4025 PCA-EPJ4025 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4021 PCA-EPJ4021 Datasheet
100Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4011 PCA-EPJ4011_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4015 PCA-EPJ4015_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4023 PCA-EPJ4023_15 Datasheet
102Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com