Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8845ZETC+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8845ZETC+
Description  28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8845ZETC+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8845ZETC+ Datasheet HTML 1Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX8845ZETC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
28V Linear Li+ Battery Chargers with Battery
Detection and Overvoltage Protected Output
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Prequalification Charge Current
Percentage of the fast-
charge current, VBATT
= 2.2V
TA = 0°C to +85°C
5
10
15
%
CHG, POK Output Low Threshold
IPOK = 5mA , ICHG = 5mA
0.4
V
TA = +25°C
1
CHG, POK Output High Leakage Current
VPOK = 5.5V,
VCHG = 5.5V
TA = +85°C
0.01
µA
VIN rising
40
POK Threshold
VIN - VBATT
VIN falling
30
mV
DETBAT, SAFEOUT
DETBAT Logic-Input Low Threshold
0.4
DETBAT Logic-Input High Threshold
1.3
V
DETBAT Pullup Resistor
DETBAT to VL = 3V
470
k
Ω
Minimum SAFEOUT Bypass Capacitance
1
µF
SAFEOUT Regulated Output
ISAFEOUT = 30mA, VIN = 5V, TA = 0°C to
+85°C
4.5
4.7
4.9
V
SAFEOUT Current Limit
100
mA
EN, ABI, ABO, ABO
EN, ABI Internal Pulldown Resistor
100
200
400
k
Ω
EN Logic-Input Low Threshold
4.25V
≤ VIN ≤ 7V
0.4
V
EN Logic-Input High Threshold
4.25V
≤ VIN ≤ 7V
1.3
V
ABI Logic-Input Low Threshold
VBATT = 4V, VIN = 0
0.4
V
ABI Logic-Input High Threshold
VBATT = 4V, VIN = 0
1.3
V
ABO Output Low Threshold (MAX8845Y)
Open drain, IABO(SINK) = 1mA
0.4
V
ABO Output High Threshold (MAX8845Y)
Open drain, 100k
Ω pullup to BATT
VBATT -
0.4V
V
ABO Output Low Threshold
(MAX8845Z)
IABO(SINK) = 1mA
0.4
V
ABO Output High Threshold (MAX8845Z)
IABO(SOURCE) = 1mA
VBATT -
0.4V
V
THERMAL
Die Temperature Regulation Threshold
115
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5V, VBATT = 4V, RPOK = 1MΩ to BATT, EN = unconnected, RSETI = 2.8kΩ to GND, VDETBAT = 0, CBATT = 2.2µF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization.


Similar Part No. - MAX8845ZETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845ZETC++ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845ZETC++ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
More results

Similar Description - MAX8845ZETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845W MAXIM-MAX8845W Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
logo
Monolithic Power System...
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
   28V, 1A Li Linear Battery Charger with Timer and LDO Mode
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
   28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com