Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8844Z Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8844Z
Description  28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8844Z Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8844Z Datasheet HTML 7Page - Maxim Integrated Products MAX8844Z Datasheet HTML 8Page - Maxim Integrated Products MAX8844Z Datasheet HTML 9Page - Maxim Integrated Products MAX8844Z Datasheet HTML 10Page - Maxim Integrated Products MAX8844Z Datasheet HTML 11Page - Maxim Integrated Products MAX8844Z Datasheet HTML 12Page - Maxim Integrated Products MAX8844Z Datasheet HTML 13Page - Maxim Integrated Products MAX8844Z Datasheet HTML 14Page - Maxim Integrated Products MAX8844Z Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Charger Enable Input
The MAX8844Z/MAX8844Y contain an active-low logic
input (EN) used to enable the chargers. Drive EN low,
leave unconnected, or connect to GND to enable the
charge-control circuitry. Drive EN high to disable the
charger-control circuitry. EN has an internal 200k
Ω pull-
down resistor.
Soft-Start
The soft-start algorithm activates when entering fast-
charge mode. When the prequalification state is com-
plete (VBATT exceeds +2.5V), the charging current
ramps up in 250µs to the full charging current. This
reduces the inrush current demand on the input supply.
Applications Information
Fast-Charge Current Setting
The maximum charging current is programmed by an
external resistor connected from SETI to GND (RSETI).
Use the following equation to determine the fast-charge
current (IFAST-CHARGE):
where IFAST-CHARGE is in amps and RSETI is in ohms.
RSETI must always be 1.25kΩ or higher due to the con-
tinuous charging current limit of 1ARMS.
Top-Off Current Threshold Setting
The top-off current threshold is programmed by an
external resistor connected from MIN to GND (RMIN).
Use the following equation to determine the top-off cur-
rent (IMIN):
IMIN (falling) = 126V/RMIN (kΩ) + 27mA
IMIN (rising) = 248V/RMIN (kΩ) - 16mA
where IMIN is in mA and RMIN is in kΩ. Use RMIN
2.2k
Ω.
Capacitor Selection
Connect a ceramic capacitor from BATT to GND for
proper stability. Use a 2.2µF ceramic capacitor for most
applications. Connect 1µF ceramic capacitors from IN
to GND and from USB to GND. A larger input capacitor
can be used for high charging current to reduce input
voltage ripple.
Connect 1µF ceramic capacitors from SAFEOUT to
GND and from SAFEUSB to GND. A larger bypass
capacitor for SAFEOUT and SAFEUSB can be used for
optimum noise immunity. Ceramic capacitors with X5R
or X7R dielectric are highly recommended due to their
small size, low ESR, and small temperature coefficients.
Thermal Considerations
The MAX8844Z/MAX8844Y are available in a thermally
enhanced TDFN package with an exposed pad.
Connect the exposed pad to a large copper ground
plane to provide a thermal contact between the device
and the circuit board for increased power dissipation.
The exposed pad transfers heat away from the device,
allowing the IC to charge the battery with maximum cur-
rent, while minimizing the increase in die temperature.
I
V
R
FAST CHARGE
SETI
-
=
1250
28V Dual Input Linear Li+ Battery Chargers with
Battery Detection and Overvoltage-Protected Output
______________________________________________________________________________________
11
IN
USB
CHARGER STATE
4.25V
≤ VIN ≤ 7V
4.25V
≤ VUSB ≤ 7V
Enabled, selects IN power supply
4.25V
≤ VIN ≤ 7V
Not present
Enabled, selects IN power supply
Not present
4.25V
≤ VUSB ≤ 7V
Enabled, selects USB power supply
VIN
≥ 7.5V
4.25V
≤ VUSB ≤ 7V
Disabled
4.25V
≤ VIN ≤ 7V
VUSB
≥ 7.5V
Enabled
Table 3. Input Power-Supply Selection


Similar Part No. - MAX8844Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8844Z MAXIM-MAX8844Z Datasheet
314Kb / 12P
   CCCV, Thermally Regulated Linear Single-Cell LiBattery Charger
Rev 0; 11/08
MAX8844ZETD++ MAXIM-MAX8844ZETD+ Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8844ZEVKIT MAXIM-MAX8844ZEVKIT Datasheet
314Kb / 12P
   CCCV, Thermally Regulated Linear Single-Cell LiBattery Charger
Rev 0; 11/08
MAX8844ZEVKIT++ MAXIM-MAX8844ZEVKIT+ Datasheet
314Kb / 12P
   CCCV, Thermally Regulated Linear Single-Cell LiBattery Charger
Rev 0; 11/08
More results

Similar Description - MAX8844Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845Z MAXIM-MAX8845Z Datasheet
281Kb / 18P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 0; 3/09
MAX8845W MAXIM-MAX8845W Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Renesas Technology Corp
ISL9228 RENESAS-ISL9228 Datasheet
527Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
logo
Intersil Corporation
ISL9228 INTERSIL-ISL9228 Datasheet
181Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com