Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8834YEWP+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8834YEWP+T
Description  Adaptive Step-Up Converters with 1.5A Flash Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8834YEWP+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8834YEWP+T Datasheet HTML 1Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 2Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 3Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 4Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 5Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 6Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 7Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 8Page - Maxim Integrated Products MAX8834YEWP+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Adaptive Step-Up Converters
with 1.5A Flash Driver
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
VOUT = 4.5V
69
75
%
Minimum Duty Cycle
VOUT = 4.5V
7.5
%
COMP Transconductance
VCOMP = 1.5V
55
μS
COMP Discharge Resistance
During shutdown or UVLO, from COMP to AGND
120
OUT Discharge Resistance
During shutdown or UVLO, from OUT to LX
10
k
FLED1/FLED2 CURRENT REGULATOR
IN Supply Current
Step-up off, FLED1/FLED2 on, supply current for each
current source
0.6
mA
Flash
750
Maximum Current Setting
Movie
125
mA
23.44mA setting
TA = +25°C
-5
+20
%
TA = +25°C
-2.5
±0.5
+2.5
492.24mA setting
TA = -40°C to +85°C
-4
+4
%
Current Accuracy
750mA setting
TA = -40°C to +85°C
-10
+5
%
492.24mA setting
110
Current Regulator Dropout
(Note 2)
93.75mA setting
50
100
mV
TA = +25°C
-1
0.01
+1
FLED1/FLED2 Leakage in
Shutdown
VFLED1 = VFLED2 = 5.5V
TA = +85°C
0.1
μA
INDLED CURRENT REGULATOR
IN Supply Current
Step-up converter off, INDLED on
0.6
mA
Maximum Current Setting
16
mA
0.5mA setting
TA = +25°C
-10
+10
%
TA = +25°C
-3
±0.5
+3
%
Current Accuracy
16mA setting
TA = -40°C to +85°C
-5
+5
%
Current Regulator Dropout
16mA setting (Note 2)
55
130
mV
TA = +25°C
-1
0.01
+1
INDLED Leakage in Shutdown
VINDLED = 5.5V
TA = +85°C
0.1
μA
PROTECTION CIRCUITS
NTC BIAS Current
19.4
20
20.6
μA
NTC Overtemperature Detection
Threshold
VNTC falling, 100mV hysteresis, NTC_CNTL[2:0] = 100
388
400
412
mV
NTC Short Detection Threshold
VNTC falling
100
mV
Flash Duration Timer Range
In 50ms steps (Note 3)
50
800
ms
TA = +25°C
360
400
440
Flash Duration Timer Accuracy
(400ms Setting)
TA = -40°C to +85°C
320
480
ms
Minimum Flash Duration
FLASH_EN[2:0] = 1XX
2
ms
Flash Safety Timer Reset Inhibit
Period
From falling edge of LED_EN until flash safety timer is
reset
30
ms
Watchdog Timer Range
In 4s steps
4
16
s
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VAGND = VPGND = VFGND = 0V, VDD = 1.8V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)


Similar Part No. - MAX8834YEWP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8834YEWP+T MAXIM-MAX8834YEWP+T Datasheet
984Kb / 44P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
More results

Similar Description - MAX8834YEWP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
logo
Rohm
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
   1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
logo
Advanced Analogic Techn...
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1686 MAXIM-MAX1686 Datasheet
210Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
MAX1687 MAXIM-MAX1687 Datasheet
235Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
logo
Will Semiconductor Ltd.
WD3171 WILLSEMI-WD3171 Datasheet
939Kb / 18P
   38V Step-Up Backlight White LED Driver with Flash Mode
WD3170 WILLSEMI-WD3170 Datasheet
1,017Kb / 18P
   38V Step-Up Backlight White LED Driver with Flash Mode
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com