Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8834Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8834Z
Description  Adaptive Step-Up Converters with 1.5A Flash Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8834Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8834Z Datasheet HTML 1Page - Maxim Integrated Products MAX8834Z Datasheet HTML 2Page - Maxim Integrated Products MAX8834Z Datasheet HTML 3Page - Maxim Integrated Products MAX8834Z Datasheet HTML 4Page - Maxim Integrated Products MAX8834Z Datasheet HTML 5Page - Maxim Integrated Products MAX8834Z Datasheet HTML 6Page - Maxim Integrated Products MAX8834Z Datasheet HTML 7Page - Maxim Integrated Products MAX8834Z Datasheet HTML 8Page - Maxim Integrated Products MAX8834Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Adaptive Step-Up Converters
with 1.5A Flash Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, VAGND = VPGND = VFGND = 0V, VDD = 1.8V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
*
This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device can be exposed to during board
level solder attach and rework. This limit permits only the use of the solder profiles recommended in the industry-standard specification, JEDEC 020A, para-
graph 7.6, Table 3 for IR/VPR and Convection reflow. Preheating is required. Hand or wave soldering is not allowed.
IN, OUT, NTC to AGND .........................................-0.3V to +6.0V
VDD to AGND.........................................................-0.3V to +4.0V
SCL, SDA, LED_EN, GSMB to AGND ........-0.3V to (VDD + 0.3V)
FLED1, FLED2, INDLED to FGND ............-0.3V to (VOUT + 0.3V)
COMP to AGND ...........................................-0.3V to (VIN + 0.3V)
PGND, FGND to AGND .........................................-0.3V to +0.3V
ILX Current (rms) ......................................................................3A
Continuous Power Dissipation (TA = +70°C)
(derate 17.5mW/°C above +70°C) .............................1410mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature* (soldering) ......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Operating Voltage
2.5
5.5
V
VDD Operating Range
1.62
3.6
V
VDD Undervoltage Lockout
(UVLO) Threshold
VDD falling
1.25
1.4
1.55
V
VDD UVLO Hysteresis
50
mV
IN UVLO Threshold
VIN falling
2.15
2.3
2.45
V
IN UVLO Hysteresis
50
mV
IN Standby Supply Current
VSCL = VSDA = VDD, VIN = 5.5V, I2C ready
1
μA
VDD Standby Supply Current
(All Outputs Off, I2C Enabled)
VSCL = VSDA = VDD = 3.6V, I2C ready
4
7
μA
LOGIC INTERFACE
LED_EN, GSMB
1.4
Logic Input-High Voltage
VDD = 1.62V to 3.6V
SCL, SDA
0.7 x
VDD
V
LED_EN, GSMB
0.4
Logic Input-Low Voltage
VDD = 1.62V to 3.6V
SCL, SDA
0.3 x
VDD
V
LED_EN Minimum High Time
(LED_EN is Internally Sampled
by a 1MHz Clock)
1
μs
LED_EN Propagation Delay
From LED_EN going high to rising edge on current
regulator
3
μs
LED_EN and GSMB Pulldown
Resistor
400
800
1600
k
TA = +25°C
-1
0.01
+1
Logic Input Current (SCL, SDA)
VIL = 0V or VIH = 3.6V
TA = +85°C
0.1
μA


Similar Part No. - MAX8834Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8834ZEWP+T MAXIM-MAX8834ZEWP+T Datasheet
984Kb / 44P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
More results

Similar Description - MAX8834Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
logo
Rohm
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
   1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
logo
Advanced Analogic Techn...
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1686 MAXIM-MAX1686 Datasheet
210Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
MAX1687 MAXIM-MAX1687 Datasheet
235Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
logo
Will Semiconductor Ltd.
WD3171 WILLSEMI-WD3171 Datasheet
939Kb / 18P
   38V Step-Up Backlight White LED Driver with Flash Mode
WD3170 WILLSEMI-WD3170 Datasheet
1,017Kb / 18P
   38V Step-Up Backlight White LED Driver with Flash Mode
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com