Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI100412KSP56 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPI100412KSP56
Description  Surface Mount Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100412KSP56 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPI100412KSP56 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPI100412KSP56 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor, coupled inductor or flyback transformer
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Add “-LF” after part number for Lead-Free
• Very low core loss ferrite materials
EPI KSP56 & EPI KSP56-LF Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXKSP56 & -LFb
Rev. 5
7/10/06 FT
48.4
12.1
61.2
15.3
80.7
20.2
91.5
22.9
102.9
25.7
134.4
33.6
201.7
50.4
272.9
68.2
400.0
100.0
606.9
151.7
806.7
201.7
1209.6
302.4
Inductance
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.108
.027
.124
.031
.176
.044
.188
.047
.236
.059
.268
.067
.424
.106
.608
.152
.916
.229
1.444
.361
1.668
.417
2.576
.644
I dc
(Amps)
1.88
3.76
1.72
3.44
1.5
3.0
1.4
2.8
1.32
2.64
1.16
2.32
.94
1.88
.81
1.62
.67
1.34
.54
1.08
.47
.94
.385
.77
Part Number
EPI120372KSP56(-LF)
EPI150342KSP56(-LF)
EPI200302KSP56(-LF)
EPI220282KSP56(-LF)
EPI250262KSP56(-LF)
EPI330232KSP56(-LF)
EPI500192KSP56(-LF)
EPI680162KSP56(-LF)
EPI101132KSP56(-LF)
EPI151102KSP56(-LF)
EPI201941KSP56(-LF)
EPI301771KSP56(-LF)
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Connection
46.0
11.5
57.0
14.3
75.1
18.4
85.1
21.3
95.7
23.9
125.0
31.3
187.6
46.9
253.9
63.5
372.0
93.0
564.4
141.1
750.4
187.6
1125.2
281.3
Inductance
(µH ± 15%)
@ Idc
Schematic
1
4
3
2
Package KSP56(-LF)
.560 Max.
(14.22)
.560 Max.
(14.22)
Pin 1
I.D.
.250 Max.
(6.35)
.460
(11.68)
.460
(11.68)
Top
View
Bottom
View
4
3
2
1
Marking :
PCA
Inductance Value
D.C.
.492
(12.50)
.348
(8.84)
Recommended
Layout
ET
(V-µSec.)
@ 200 KHz
46.0
23.0
51.8
25.9
59.0
29.5
63.4
31.7
67.0
33.5
76.6
38.3
94.0
47.0
109.0
54.5
132.0
66.0
163.0
81.5
182.0
91.0
230.0
115.0
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPIXXXXXXKSP56L
SnPb
225°C
1.3 grams
TBD pcs / tube
EPIXXXXXXKSP56L-LF
Hot Tin Dip (Sn)
245°C
1.3 grams
TBD pcs / tube


Similar Part No. - EPI100412KSP56

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI100402B37F PCA-EPI100402B37F Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI100402B37F PCA-EPI100402B37F Datasheet
22Kb / 1P
   Surface Mount Power Inductor
EPI100402B37F-LF PCA-EPI100402B37F-LF Datasheet
22Kb / 1P
   Surface Mount Power Inductor
EPI100402F4747L PCA-EPI100402F4747L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI100442F4040 PCA-EPI100442F4040 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI100412KSP56

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com