Electronic Components Datasheet Search |
|
447SD425NF18 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
447SD425NF18 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 11 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 TABLE III: ELBOW DIMENSIONS 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied (not available in Function C). Dimensions D, E, F, and G will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. 4. Angular function "C", low-profile split elbow, not available with "S" connector designator. Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 F Max .680 (17.3) .750 (19.1) .810 (20.6) .870 (22.1) .930 (23.6) 1.000 (25.4) 1.060 (26.9) 1.120 (28.4) 1.180 (30.0) K Max .681 (17.3) .731 (18.6) .731 (18.6) .831 (21.1) .981 (24.9) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) H Ref .340 (8.6) .270 (6.9) .270 (6.9) .280 (7.1) .420 (10.7) .640 (16.3) .640 (16.3) .540 (13.7) .540 (13.7) D Max .440 (11.2) .500 (12.7) .560 (14.2) .620 (15.7) .680 (17.3) .750 (19.1) .820 (20.8) .880 (22.4) .940 (23.9) Function C Max Wire Bundle .250 (6.4) .375 (9.5) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .625 (15.9) .750 (19.1) .750 (19.1) See inside back cover fold-out or pages 13 and 14 for Tables I and II. G Max 1.780 (45.2) 1.840 (46.7) 1.910 (48.5) 1.940 (49.3) 2.040 (51.8) 2.100 (53.3) 2.160 (54.9) 2.220 (56.4) 2.280 (57.9) E Max 1.840 (46.7) 1.900 (48.3) 1.970 (50.0) 2.000 (50.8) 2.100 (53.3) 2.160 (54.9) 2.220 (56.4) 2.280 (57.9) 2.340 (59.4) J Max 2.120 (53.8) 2.280 (57.9) 2.280 (57.9) 2.350 (59.7) 2.400 (61.0) 2.430 (61.7) 2.430 (61.7) 2.580 (65.5) 2.580 (65.5) TABLE IV: CABLE ENTRY Dash No. 10 12 14 16 18 20 22 24 28 32 K ±.030 ±(.8) .220 (5.6) .310 (7.9) .440 (11.2) .560 (14.2) .630 (16.0) .750 (19.1) .880 (22.4) 1.000 (25.4) 1.060 (26.9) 1.190 (30.2) Min .130 (3.3) .250 (6.4) .310 (7.9) .375 (9.5) .560 (14.2) .630 (16.0) .750 (19.1) .880 (22.4) 1.000 (25.4) 1.130 (28.7) Max .250 (6.4) .380 (9.7) .440 (11.2) .630 (16.0) .690 (17.5) .750 (19.1) .880 (22.4) 1.000 (25.4) 1.130 (28.7) 1.250 (31.8) L Max 1.000 (25.4) 1.250 (31.8) 1.340 (34.0) 1.470 (37.3) 1.560 (39.6) 1.620 (41.1) 1.750 (44.5) 1.870 (47.5) 1.970 (50.0) 2.090 (53.1) Cable Range 447-425 EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief Rotatable Coupling - Split Shell |
Similar Part No. - 447SD425NF18 |
|
Similar Description - 447SD425NF18 |