Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8574EUT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8574EUT+T
Description  High-Efficiency LCD Boost with True Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8574EUT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8574EUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 9Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 10Page - Maxim Integrated Products MAX8574EUT+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
High-Efficiency LCD Boost
with True Shutdown
_______________________________________________________________________________________
9
For the MAX8570/MAX8571/MAX8574 a feed-forward
capacitor (C4 in Figures 2 and 3) connected from the
output to FB improves stability over a wide range of
battery voltages. A 10pF capacitor is recommended for
the MAX8571 and MAX8574. A 10pF to 47pF capacitor
is recommended for the MAX8570. Note that increasing
C4 degrades line and load regulation.
Applications Information
Negative Output Voltage for LCD Bias
A negative output voltage can be generated by adding
a diode/capacitor charge pump as shown in Figure 5. In
this configuration, the negative output is lower in magni-
tude than the positive output by a forward diode drop. If
there is little or no load on the positive output, the nega-
tive output drifts from its nominal voltage. To prevent
this, it may be necessary to preload the positive output
with a few hundred microamps, which can be done by
selecting lower than normal values of R1 and R2.
PC Board Layout
Careful printed circuit layout is important for minimizing
ground bounce and noise. Keep the GND pin and
ground pads for the input and output capacitors as
close together as possible. Keep the connection to LX
as short as possible. Locate the feedback resistors as
close as possible to the FB pin and keep the feedback
traces routed away from noisy areas such as LX. Refer
to the MAX8571EVKIT for a layout example.


Similar Part No. - MAX8574EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8574EUT+T MAXIM-MAX8574EUT+T Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
More results

Similar Description - MAX8574EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com