Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI471241F2220 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI471241F2220
Description  Miniature SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI471241F2220 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI471241F2220 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSIXXXXXXC
Rev. -
3/9/01
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Primary Specification
Features of the EPI “F2220” Series of Miniature SMT Power Inductors
• Virtually no limit on V µSec as long as max. RMS Current Limit •
and Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency switching •
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes •
• Also suitable for use in high quality filter applications •
Miniature SMT Power Inductor
.224
.197
.185
.118
---
.137
.118
.078
Nom.
Dimensions
A
B
C
D
E
N
P
Q
Dim.
Min.
.226
.209
.197
.130
---
---
---
---
Max.
(Inches)
(Millimeters)
5.40
4.70
4.40
2.70
1.30
---
---
---
Min.
6.00
5.50
5.00
3.30
---
---
---
---
Max.
.212
.185
.173
.106
.051
---
---
---
5.70
5.30
4.70
3.00
---
3.50
3.00
2.00
Nom.
Product performance is limited to specific parameters. Data subject to change without prior notice.
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
Inductance
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Max.)
0.022
0.027
0.034
0.041
0.048
0.090
0.11
0.18
0.22
0.36
0.43
0.81
0.98
2.1
2.5
4.9
5.9
9.9
11.2
Inductance
(µH Min.)
@ I Sat.
0.9
1.35
1.98
2.97
4.23
6.12
9.0
13.5
19.8
29.7
42.3
61.2
90
135
198
297
423
612
900
I rms
(mA Max.)
4000
3700
3200
2900
2700
2000
1700
1400
1200
900
800
640
560
420
320
270
240
190
150
SRF
(MHz Typ.)
145
100
85
70
50
45
35
30
20
18
16
12
11
8
7
5
4
3
2
I Saturation
(mA)
4000
3700
3200
2900
2700
2000
1700
1400
1200
900
800
640
560
420
320
270
240
190
150
Part
Number
EPI1L0402F2220
EPI1L5372F2220
EPI2L2322F2220
EPI3L3292F2220
EPI4L7272F2220
EPI6L8202F2220
EPI100172F2220
EPI150142F2220
EPI220122F2220
EPI330901F2220
EPI470801F2220
EPI680641F2220
EPI101561F2220
EPI151421F2220
EPI221321F2220
EPI331221F2220
EPI471241F2220
EPI681191F2220
EPI102151F2220
Note :
1. Temperature Rise : 15°C Typ.
2. Inductance Change at I Saturation : 10% Max.
µSec.
V
I (peak)
t
A
E
C
B
D
Q
N
Bottom
P
P
Package F2220
Pad Layout
EPI F2220 Series


Similar Part No. - EPI471241F2220

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI471241F3030L PCA-EPI471241F3030L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI471241F3030L PCA-EPI471241F3030L Datasheet
44Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - EPI471241F2220

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3894 PCA-EPA3894 Datasheet
22Kb / 1P
   Miniature SMT Power Inductor
EPI0L5272F2523 PCA-EPI0L5272F2523 Datasheet
36Kb / 1P
   Miniature SMT Power Inductor
EPI1L0292C PCA-EPI1L0292C Datasheet
38Kb / 1P
   Miniature SMT Power Inductor
EPI1L0501F1210 PCA-EPI1L0501F1210 Datasheet
35Kb / 1P
   Miniature SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com