Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8600 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8600
Description  Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8600 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8600 Datasheet HTML 1Page - Maxim Integrated Products MAX8600 Datasheet HTML 2Page - Maxim Integrated Products MAX8600 Datasheet HTML 3Page - Maxim Integrated Products MAX8600 Datasheet HTML 4Page - Maxim Integrated Products MAX8600 Datasheet HTML 5Page - Maxim Integrated Products MAX8600 Datasheet HTML 6Page - Maxim Integrated Products MAX8600 Datasheet HTML 7Page - Maxim Integrated Products MAX8600 Datasheet HTML 8Page - Maxim Integrated Products MAX8600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Single-/Dual-Input 1-Cell Li+ Chargers with
OVP Protection and Programmable Charge Timer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DC, USB to GND ....................................................-0.3V to +16V
BAT, CT, CHG, EN, FLT, SETI,
POK, THM, USEL to GND..................................-0.3V to +6.0V
Continuous Power Dissipation (TA = +70°C)
14-Pin TDFN 3mm x 3mm Multilayer PCB
(derate 24.4mW/°C above +70°C) ........................ 1951.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDC = VUSB = 5V, VBAT = 4V, V EN = 0V, RSETI = 2k
Ω, CCT = 0.068µF, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25
°C. Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC OR USB (Note 2)
Input Voltage Range
014
V
Input Operating Range
(Note 3)
4.15
7.00
V
Input Undervoltage Threshold
Input rising, 500mV hysteresis (typ)
3.85
4.0
4.15
V
Input Overvoltage Threshold
Input rising, 200mV hysteresis (typ)
7.2
7.5
7.8
V
Input Overvoltage Delay
From overvoltage event to charger disabled
0.25
s
Input Supply Current
IBAT = 0mA, RTHM = 10k
Ω
750
1200
µA
Shutdown Input Current
VEN = 5V, TA = +25°C
275
435
µA
Input to BAT On-Resistance
Input = 3.7V, VBAT = 3.6V
0.5
0.8
Ω
Input to BAT Dropout Voltage
Input falling, 200mV hysteresis (typ)
5
55
120
mV
BAT
TA = +25°C
4.179
4.2
4.221
BAT Regulation Voltage
IBAT = 0mA
TA = -40°C to +85°C
4.166
4.2
4.234
V
BAT Restart Fast-Charge
Threshold
From BAT regulation voltage
-180
-150
-120
mV
RSETI = 1.5k
Ω
950
1000
1050
RSETI = 2k
Ω
727
750
773
RSETI = 5k
Ω
280
300
320
DC Charging Current
VUSB = 0V
Prequal, RSETI = 2k
Ω, VBAT = 2.5V
60
75
90
mA
VUSEL = 5V
450
475
500
VUSEL = 0V
80
95
100
USB Charging Current
VDC = 0V
Prequal, RSETI = 2k
Ω, VBAT = 2.5V
60
75
90
mA
Soft-Start Time
Ramp time to fast-charge current
1.2
ms
BAT Prequal Threshold
VBAT rising, 180mV hysteresis (typ)
2.9
3.0
3.1
V
BAT Leakage Current
VDC = VUSB = 0V, VBAT = 4.2V
0.001
5µA
SETI
RSETI Resistance Range
Guaranteed by charging current
1.5
5.0
k
Ω


Similar Part No. - MAX8600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600 Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX8600AETD++ MAXIM-MAX8600AETD+ Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX8600ETD MAXIM-MAX8600ETD Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
More results

Similar Description - MAX8600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com