Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7490 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7490
Description  Dual Universal Switched-Capacitor Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7490 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7490_09 Datasheet HTML 1Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 2Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 3Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 4Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 5Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 6Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 7Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 8Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Dual Universal Switched-Capacitor Filters
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Input Low
0.5
V
Clock Duty Cycle
50
± 5%
SHDN AND EXTCLK
Input High
VIH
VDD - 0.5
V
Input Low
VIL
0.5
V
Input Leakage Current
VINPUT = 0 to VDD
±0.4
±10
μA
POWER REQUIREMENTS
Supply Voltage
VDD
4.5
5.5
V
Power-Supply Current
IDD
No external load, mode 1, R1 = R3 = 50k
Ω,
R2 = 10k
Ω, Q = 5
3.5
4.0
mA
Shutdown Current
ISHDN
SHDN = GND
1
μA
INTERNAL OP AMPS CHARACTERISTICS
Output Short-Circuit Current
±18
mA
DC Open-Loop Gain
RL
≥ 10kΩ, CL ≤ 50pF
130
dB
Gain Bandwidth Product
GBW
RL
≥ 10kΩ, CL ≤ 50pF
7
MHz
Slew Rate
SR
RL
≥ 10kΩ, CL ≤ 50pF
6.4
V/
μs
ELECTRICAL CHARACTERISTICS—MAX7490 (continued)
(VDD = VEXTCLK = +5V; fCLK = 625kHz; 10kΩ || 50pF load to VDD/2 at LP_, BP_, and N_/HP_; VSHDN = VDD; 0.1µF from COM to
GND; 50% duty-cycle clock input; COM = VDD/2; TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 1)


Similar Part No. - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490EEE MAXIM-MAX7490EEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
More results

Similar Description - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
[Old version datasheet]   Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMF100 Dual High-Performance Switched Capacitor Filters
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com