Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7490 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7490
Description  Dual Universal Switched-Capacitor Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7490 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7490_09 Datasheet HTML 1Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 2Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 3Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 4Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 5Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 6Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 7Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 8Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Dual Universal Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX7490
(VDD = VEXTCLK = +5V; fCLK = 625kHz; 10kΩ || 50pF load to VDD/2 at LP_, BP_, and N_/HP_; VSHDN = VDD; 0.1µF from COM to
GND; 50% duty-cycle clock input; COM = VDD/2; TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
EXTCLK, SHDN to GND ...........................................-0.3V to +6V
INV_, LP_, BP_, N_/HP_, S_, COM,
CLK to GND............................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C).........667mW
Operating Temperature Range
MAX749_CEE .....................................................0°C to +70°C
MAX749_EEE ...................................................-40°C to +85°C
Die Temperature ..............................................................+150°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER
Center Frequency Range
fO
Mode 1
0.001 to
40
kHz
Clock-to-Center Frequency
Accuracy
fCLK/fO
Mode 1, R1 = R3 = 50k
Ω , R2 = 10kΩ,
Q = 5, deviation from 100:1
±0.2
±0.7
%
Q Accuracy
Mode 1, R1 = R3 = 50k
Ω, R2 = 10kΩ, Q = 5
±0.2
±2%
fO Temperature Coefficient
±1
ppm/
°C
Q Temperature Coefficient
±5
ppm/
°C
DC Lowpass Gain Accuracy
Mode 1, R1 = R2 = 10k
Ω±0.1
±0.5
%
VOS1
DC offset of input inverter
±3
±12.5
VOS2
DC offset of 1st integrator
±4
±15
DC Offset Voltage (Figure 8)
VOS3
DC offset of 2nd integrator
±4
±30
mV
Crosstalk (Note 2)
fIN = 10kHz
-60
dB
Input: COM externally driven
VDD/2
- 0.5
VDD/2
VDD/2
+ 0.5
COM Voltage Range
VCOM
Output: COM internally driven
VDD/2
- 0.2
VDD/2
VDD/2
+ 0.2
V
Input Resistance at COM
RCOM
140
250
325
k
Ω
Clock Feedthrough
Up to 5th harmonic of fCLK
200
μVRMS
Noise (Note 3)
Mode 1, R1 = R2 = R3 =10k
Ω, LP output,
Q = 1
60
μVRMS
Output Voltage Swing
0.2
VDD - 0.2
V
Input Leakage Current at COM
SHDN = GND, VCOM = 0 to VDD
±0.1
±10
μA
CLOCK
Maximum Clock Frequency
fCLK
4
MHz
EXTCLK = GND, COSC = 1000pF
95
135
175
kHz
Internal Oscillator Frequency
(Note 4)
fOSC
EXTCLK = GND, COSC = 100pF
1.35
MHz
Clock Input High
VDD - 0.5
V


Similar Part No. - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490EEE MAXIM-MAX7490EEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
More results

Similar Description - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
[Old version datasheet]   Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMF100 Dual High-Performance Switched Capacitor Filters
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com