Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7490 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7490
Description  Dual Universal Switched-Capacitor Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7490 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7490_09 Datasheet HTML 6Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 7Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 8Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 9Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 10Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 11Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 12Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 13Page - Maxim Integrated Products MAX7490_09 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Dual Universal Switched-Capacitor Filters
10
______________________________________________________________________________________
Table 1. Filter Operating Modes
MODE
LP
HP
BP
N
LP-N*
HP-N*
COMMENTS
1
••
fCLK/fO ratio is the nominal value. Good for bandpass filters
with identical sections cascaded, higher order Butterworth filters,
high-Q bandpass, low-Q notches.
1B
••
Same as Mode 1 with fCLK/fO ratios greater than the nominal
value.
2
••
Combination of Mode 1 and Mode 3; fCLK/fO ratios always
less than the nominal value. Less sensitivity to resistor tolerances
than Mode 3.
2N
Extension of Mode 2 that allows higher frequencies. Highpass
and lowpass outputs are summed with external op amp and
two resistors. Good for lowpass elliptic filters.
3
••
Adjustable fO above and below the nominal frequency.
Commonly used for multiple-pole Chebyshev filters, all-pole
higher order bandpass, lowpass, and highpass filters.
3A
••
Extension of Mode 3 that needs an external op amp and
two additional resistors. Commonly used for lowpass or higher
elliptic or Cauer filters.
*
LP-N = lowpass notch, HP-N = highpass notch. Both require an external op amp. See Definition of Terms (Table 2).
Table 2. Definition of Terms
TERM
DEFINITION
fCLK
The clock frequency applied to the switched-capacitor filter.
fO
The center frequency of the 2nd-order complex pole pair, fO, is determined by measuring the peak response
frequency at the bandpass output.
fNOTCH
The frequency of minimum amplitude response at the notch output.
Q
Quality factor, or Q, is the ratio of fO to the -3dB bandwidth of the 2nd-order bandpass filter. Q also determines
the amount of amplitude peaking at the lowpass and highpass outputs, but is not measured at these outputs.
HOBP
The gain in V/V of the bandpass output at f = fO.
HOLP
The gain in V/V of the lowpass output at f
→0Hz.
HOHP
The gain in V/V of the highpass output at f
→fCLK/2.
HON1
The notch output gain as f
→0Hz.
HON2
The notch output gain at f = fCLK/2.
LP-N
A notch output with HON1 > HON2.
HP-N
A notch output with HON1 < HON2.


Similar Part No. - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490EEE MAXIM-MAX7490EEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
More results

Similar Description - MAX7490_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
[Old version datasheet]   Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMF100 Dual High-Performance Switched Capacitor Filters
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com