Electronic Components Datasheet Search |
|
447FH425ZL08 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
447FH425ZL08 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2008 Glenair, Inc. E-Mail: sales@glenair.com G-23 G TABLE III: BACKSHELL DIMENSIONS Shell Size F H E Max. F Max. G Max. H Max. J Ref. Max. Dash No. (F, H) 08 09 0.75 (1.9) 1.5 (3.8) 0.639 (1.6) 1.38 (3.5) 0.45 (1.1) 01 10 11 0.81 (2.1) 1.55 (3.9) 0.664 (1.7) 1.41 (3.6) 0.58 (1.5) 02 12 13 0.87 (2.2) 1.61 (4.1) 0.688 (1.7) 1.43 (3.6) 0.69 (1.8) 04 14 15 0.92 (2.3) 1.68 (4.3) 0.705 (1.8) 1.46 (3.7) 0.82 (2.1) 05 16 17 0.98 (2.5) 1.74 (4.4) 0.732 (1.9) 1.48 (3.8) 0.94 (2.4) 06 18 19 1.02 (2.6) 1.76 (4.5) 0.748 (1.9) 1.49 (3.8) 1.03 (2.6) 06 20 21 1.08 (2.7) 1.82 (4.6) 0.773 (2.0) 1.51 (3.8) 1.16 (2.9) 07 22 23 1.14 (2.9) 1.90 (4.8) 0.800 (2.0) 1.55 (3.9) 1.28 (3.3) 08 24 25 1.20 (3.0) 1.97 (5.0) 0.823 (2.1) 1.58 (4.0) 1.41 (3.6) 09 TABLE IV: CABLE ENTRY Dash No. K Max. L Max. Cable Entry Min. Max. 1 0.843 (2.1) 0.78 (2.0) 0.125 (0.3) 0.250 (0.6) 2 0.968 (2.5) 0.97 (2.5) 0.156 (0.4) 0.375 (1.0) 3 1.046 (2.7) 1.05 (2.7) 0.250 (0.6) 0.438 (1.1) 4 1.156 (2.9) 1.15 (2.9) 0.280 (0.7) 0.500 (1.3) 5 1.218 (3.1) 1.22 (3.1) 0.375 (1.0) 0.625 (1.6) 6 1.343 (3.4) 1.34 (3.4) 0.500 (1.3) 0.750 (1.9) 7 1.468 (3.7) 1.47 (3.7) 0.625 (1.6) 0.875 (2.2) 8 1.593 (4.0) 1.59 (4.0) 0.750 (1.9) 1.000 (2.5) 9 1.718 (4.4) 1.72 (4.4) 0.875 (2.2) 1.125 (2.9) 10 1.843 (4.7) 1.84 (4.7) 1.000 (2.5) 1.250 (3.2) 447-425 EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief Rotatable Coupling - Standard Profile APPLICATION NOTES Standard minimum length for Style I is 1 inch (25.4), Style II 1. is 1.5 inches (38.1). Consult factory about shorter lengths (Note: Applies to Symbol S Straight only). When cable diameter exceeds “Max Dash No” in Table I, Style 2. II will be supplied. For effective grounding, connector with conductive finish 3. should be used. Glenair Series 600 Backshell Assembly tools are 4. recommended for assemply and installation. For shield termination see Glenair Drawings 600-050 and 5. 600-052. Material/Finish: 6. Adapters, Elbows, Coupling Nuts, Ferrule, Clamp - Al Alloy/See Table I Hardware - Cres/Passivate Metric dimensions (mm) are indicated in parentheses. 7. TABLE II: FINISHES Symbol Finish B Cadmium Plate, Olive Drab C Anodize, Black GB Black Anodize, Hard Coat M Electroless Nickel N Cad Plate, Olive Drab over Electroless Nickel NF Cadmium Plate, Olive Drab over Electroless Nickel MT Ni-PTFE 1000 Hour GreyTM Nickel Fluorocarbon Polymer Z1 Stainless Steel Passivate ZL CRES, Electroless Nickel ZN Zinc-Nickel |
Similar Part No. - 447FH425ZL08 |
|
Similar Description - 447FH425ZL08 |