Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI530902AVM2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI530902AVM2
Description  Thru-Hole Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI530902AVM2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI530902AVM2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Material
• In Header Mount Package
• Low Cost Inductor
EPI AVM2 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package AVM2
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAVM2 Rev. 1
1/23/03
EPI100113AVM2
EPI100153AVM2
EPI220802AVM2
EPI330802AVM2
EPI470802AVM2
EPI500492AVM2
EPI530902AVM2
EPI560802AVM2
EPI680802AVM2
EPI820902AVM2
EPI101402AVM2
EPI151402AVM2
EPI151402AVM2B
EPI221202AVM2
EPI251222AVM2
EPI331202AVM2
EPI471102AVM2
EPI501332AVM2
Part
Number
9.68
10.82
23.10
33.86
47.32
50.00
53.82
54.88
69.70
82.94
102.40
148.00
153.66
222.78
250.88
331.78
473.34
499.39
Induct.
(µH ± 20%)
@ 0 Adc
.0066
.006
.009
.011
.020
.023
.017
.021
.025
.021
.048
.060
.077
.147
.161
.221
.419
.149
DCR
(
Ω Typ.)
8.7
15
8
8
8
4.9
9
8
8
9
4
4.3
4
2
1.9
2
1
3.1
Idc
(A)
6.7
7.0
16.8
22.6
25.9
34.5
29.42
28.5
37.6
39.26
73
104
99
178
173
248
413
346
Induct.
(µH ± 15%)
@ I Sat
11.1
15
8
8
8
4.9
9
8
8
9
4
4
4
2
2.2
2
1
3.3
I Sat
(A)
61
91
91
91
148
49
91
160
91
91
91
99
91
91
61
91
91
133
Core Loss
(mW)
@ Vt
9.4
12
18
21.8
25.5
21.3
21
28.5
31
25.5
38
47.6
46.5
56
47.8
68
82
104
Vt
(V-µSec.)
@ 100 KHz
412
787
537
722
828
415
1192
913
1204
1590
584
829
795
357
419
496
207
1885
Energy
(µJ)
@ I Sat
20
33
17
20
32
21
33
34
37
40
21
24
30
17
23
23
14
20
Temp.
Rise
@ Idc (°C)
Marking:
PCA
EPIXXXXXXAVM2
D.C.
Bottom
View
.800
(20.32)
.625
Max.
(15.88)
.400
(10.16)
32
1
4
1.185
Max.
(30.10)
.200 ± .020
(5.08 ± .500)
.054 Ø Max.
(1.37 Ø)
1.250 Max.
(31.75)
Schematic A
1
3
Schematic B
1
2
A
B
B
B
B
A
A
B
B
A
B
A
B
B
A
B
B
A
Schematic
.800
(20.32)
.400
(10.16)
.057 Ø Max.
(1.45 Ø)
1
• Switching Frequency : Up to 500 KHz •


Similar Part No. - EPI530902AVM2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI500103AVM3 PCA-EPI500103AVM3 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI500272AVM1 PCA-EPI500272AVM1 Datasheet
62Kb / 1P
   Thru-Hole Power Inductor
EPI500942AVM3 PCA-EPI500942AVM3 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI501192AVM3 PCA-EPI501192AVM3 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI550542A106 PCA-EPI550542A106 Datasheet
43Kb / 1P
   Thru-Hole Power Inductor
More results

Similar Description - EPI530902AVM2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI220502AC3 PCA-EPI220502AC3 Datasheet
90Kb / 1P
   Thru-Hole Power Inductor
EPI330552AC4 PCA-EPI330552AC4 Datasheet
89Kb / 1P
   Thru-Hole Power Inductor
EPI0L8433A106 PCA-EPI0L8433A106 Datasheet
43Kb / 1P
   Thru-Hole Power Inductor
EPI151172AH50 PCA-EPI151172AH50 Datasheet
34Kb / 1P
   Thru-Hole Power Inductor
EPI100133AVM3 PCA-EPI100133AVM3 Datasheet
61Kb / 1P
   Thru-Hole Power Inductor
EPI500272AVM1 PCA-EPI500272AVM1 Datasheet
62Kb / 1P
   Thru-Hole Power Inductor
EPI100452AC1 PCA-EPI100452AC1 Datasheet
90Kb / 1P
   Thru-Hole Power Inductor
EPI221302AC5 PCA-EPI221302AC5 Datasheet
36Kb / 1P
   Thru-Hole Power Inductor
EPI151172AV50 PCA-EPI151172AV50 Datasheet
34Kb / 1P
   Thru-Hole Power Inductor
EPI100502AC2 PCA-EPI100502AC2 Datasheet
38Kb / 1P
   Thru-Hole Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com