Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7034 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7034_09 Datasheet HTML 6Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 7Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 8Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 9Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 10Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 11Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 12Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 13Page - Maxim Integrated Products MAX7034_09 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Filter
The data filter is implemented as a 2nd-order lowpass
Sallen-Key filter. The pole locations are set by the com-
bination of two on-chip resistors and two external
capacitors. Adjusting the value of the external capaci-
tors changes the corner frequency to optimize for differ-
ent data rates. The corner frequency should be set to
approximately 1.5 times the fastest expected data rate
from the transmitter. Keeping the corner frequency near
the data rate rejects any noise at higher frequencies,
resulting in an increase in receiver sensitivity.
The configuration shown in Figure 1 can create a
Butterworth or Bessel response. The Butterworth filter
offers a very flat amplitude response in the passband
and a rolloff rate of 40dB/decade for the two-pole filter.
The Bessel filter has a linear phase response, which
works well for filtering digital data. To calculate the
value of C5 and C6, use the following equations, along
with the coefficients in Table 1:
where fC is the desired 3dB corner frequency.
For example, to choose a Butterworth filter response
with a corner frequency of 5kHz:
Choosing standard capacitor values changes C5 to
470pF and C6 to 220pF, as shown in the
Typical
Application Circuit.
Data Slicer
The data slicer takes the analog output of the data filter
and converts it to a digital signal. This is achieved by
using a comparator and comparing the analog input to
a threshold voltage. One input is supplied by the data
filter output. Both comparator inputs are accessible off-
chip to allow for different methods of generating the
slicing threshold, which is applied to the second com-
parator input.
The suggested data slicer configuration uses a resistor
(R1) connected between DSN and DSP with a capaci-
tor (C4) from DSN to DGND (Figure 2). This configura-
tion averages the analog output of the filter and sets the
threshold to approximately 50% of that amplitude. With
this configuration, the threshold automatically adjusts
as the analog signal varies, minimizing the possibility
for errors in the digital data. The values of R1 and C4
affect how fast the threshold tracks to the analog ampli-
tude. Be sure to keep the corner frequency of the RC
circuit much lower than the lowest expected data rate.
Note that a long string of zeros or ones can cause the
threshold to drift. This configuration works best if a cod-
ing scheme, such as Manchester coding, which has an
equal number of zeros and ones, is used.
To prevent continuous toggling of DATAOUT in the
absence of an RF signal due to noise, add hysteresis to
the data slicer as shown in Figure 3.
C
k
kHz
pF
C
k
kHz
pF
5
1 000
1 414 100
3 14 5
450
6
1 414
4 100
3 14 5
225
.
..
.
.
= ()(
)( )(
)
= ()(
)( )(
)
Ω
Ω
C
b
ak
f
C
a
kf
C
C
5
100
6
4 100
=
()( )( )
= ()( )( )
π
π
315MHz/434MHz ASK Superheterodyne
Receiver
10
______________________________________________________________________________________
RSSI
RDF1
100k
Ω
RDF2
100k
Ω
C5
19
DFO
21
OPP
22
DFFB
C6
MAX7034
FILTER TYPE
a
b
Butterworth (Q = 0.707)
1.414
1.000
Bessel (Q = 0.577)
1.3617
0.618
Figure 1. Sallen-Key Lowpass Data Filter
Table 1. Coefficents to Calculate C5 and C6


Similar Part No. - MAX7034_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034AUI MAXIM-MAX7034AUI Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX7034AUI+T MAXIM-MAX7034AUI+T Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034AUIVT MAXIM-MAX7034AUIVT Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
More results

Similar Description - MAX7034_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com