Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6954APL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6954APL
Description  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954APL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6954APL Datasheet HTML 3Page - Maxim Integrated Products MAX6954APL Datasheet HTML 4Page - Maxim Integrated Products MAX6954APL Datasheet HTML 5Page - Maxim Integrated Products MAX6954APL Datasheet HTML 6Page - Maxim Integrated Products MAX6954APL Datasheet HTML 7Page - Maxim Integrated Products MAX6954APL Datasheet HTML 8Page - Maxim Integrated Products MAX6954APL Datasheet HTML 9Page - Maxim Integrated Products MAX6954APL Datasheet HTML 10Page - Maxim Integrated Products MAX6954APL Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
_______________________________________________________________________________________
7
inputs: clock (CLK), chip select (
CS), and data in (DIN),
and one output, data out (DOUT).
CS must be low to
clock data into or out of the device, and DIN must be
stable when sampled on the rising edge of CLK. DOUT
is stable on the rising edge of CLK. Note that while the
SPI protocol expects DOUT to be high impedance
when the MAX6954 is not being accessed, DOUT on
the MAX6954 is never high impedance.
CLK and DIN may be used to transmit data to other
peripherals. The MAX6954 ignores all activity on CLK
and DIN except when
CS is low.
Control and Operation Using the 4-Wire Interface
Controlling the MAX6954 requires sending a 16-bit
word. The first byte, D15 through D8, is the command,
and the second byte, D7 through D0, is the data byte
(Table 5).
Connecting Multiple MAX6954s to the 4-Wire Bus
Multiple MAX6954s may be daisy-chained by connect-
ing the DOUT of one device to the DIN of the next, and
driving CLK and
CS lines in parallel (Figure 2). Data at
DIN propagates through the internal shift registers and
appears at DOUT 15.5 clock cycles later, clocked out
on the falling edge of CLK. When sending commands
to daisy-chained MAX6954s, all devices are accessed
at the same time. An access requires (16 x n) clock
cycles, where n is the number of MAX6954s connected
together. To update just one device in a daisy-chain,
the user can send the no-op command (0x00) to the
others. Figure 3 is the MAX6954 timing diagram.
The MAX6954 is written to using the following
sequence:
1) Take CLK low.
2) Take
CS low. This enables the internal 16-bit shift
register.
3) Clock 16 bits of data into DIN, D15 first to D0 last,
observing the setup and hold times. Bit D15 is low,
indicating a write command.
4) Take
CS high (while CLK is still high after clocking in
the last data bit).
5) Take CLK low.
Figure 4 shows a write operation when 16 bits are
transmitted.
If fewer or greater than 16 bits are clocked into the
MAX6954 between taking
CS low and taking CS high
again, the MAX6954 stores the last 16 bits received,
including the previous transmission(s). The general
case is when n bits (where n > 16) are transmitted to
the MAX6954. The last bits are comprising bits {n-15} to
{n}, are retained, and are parallel loaded into the 16-bit
latch as bits D15 to D0, respectively (Figure 5).
DISPLAY TYPE
7 SEGMENT
(16-CHARACTER
HEXADECIMAL FONT)
14 SEGMENT/
16 SEGMENT
(104-CHARACTER ASCII FONT MAP)
DISCRETE LEDs
(DIRECT CONTROL)
Monocolor
16
8
128
Bicolor
8
4
64
Table 1. MAX6954 Drive Capability
1dp
2dp
fb
ec
d1
a1
i
l
g1
g2
hj
mk
a2
d2
dp
dp
1a
1g
1f
1b
1e
1c
1d
2a
2g
2f
2b
2e
2c
2d
fb
ec
d
a
i
l
g1
g2
hj
mk
Figure 1. Segment Labeling for 7-Segment Display, 14-Segment Display, and 16-Segment Display


Similar Part No. - MAX6954APL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6954APL MAXIM-MAX6954APL Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954APL MAXIM-MAX6954APL Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results

Similar Description - MAX6954APL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com