Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

443LJ010NF20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 443LJ010NF20
Description  EMI/RFI Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

443LJ010NF20 Datasheet(HTML) 1 Page - Glenair, Inc.

  443LJ010NF20 Datasheet HTML 1Page - Glenair, Inc. 443LJ010NF20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 443 - Page 6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
O-Rings
Product Series
Connector Designator
Angle and Profile
H = 45°
J = 90°
S = Straight
Basic Part No.
Finish (Table II)
Shell Size (Table I)
F (Table IV)
E
(Table IV)
G
(Table IV)
H (Table IV)
A Thread
(Table I)
K (Table V)
B
(Table I)
1.25
(31.8)
Max
Length *± .060 (1.52)
Min. Order Length 2.0
Inch (See Note 4)
Termination Area
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes - P Option
443 F S 010 NF 16 12-8 H K P
Polysulfide (Omit for none)
B = Band, K = Precoiled
Band (Omit for none)
Strain Relief Style
(H,A, M, D,Tables X & XI)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Dash No. (Table V)
J
(Table III)
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.5 Inch
(See Note 4)
J
(Table III)
O-Ring
Cable
Range
STYLE H
Heavy Duty (Table X)
STYLE A
Medium Duty (Table XI)
STYLE D
Medium Duty (Table XI)
STYLE M
Medium Duty (Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
Band Option
(K Option Shown -
See Note 6)
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 5
DIRECT
COUPLING
B
(Table I)
B
(Table I)
443-010
EMI/RFI Cable Sealing Backshell
Band-in-a-Can with Strain-Relief
Direct Coupling - Standard Profile
Rev. 20-AUG-2008


Similar Part No. - 443LJ010NF20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
443LJ011NF08 GLENAIR-443LJ011NF08 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
443LJ011NF10 GLENAIR-443LJ011NF10 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
443LJ011NF12 GLENAIR-443LJ011NF12 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
443LJ011NF14 GLENAIR-443LJ011NF14 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
443LJ011NF16 GLENAIR-443LJ011NF16 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results

Similar Description - 443LJ010NF20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AM011NF08 GLENAIR-443AM011NF08 Datasheet
92Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AH011NF08 GLENAIR-443AH011NF08 Datasheet
103Kb / 2P
   EMI/RFI Cable Sealing Backshell
390AH058M08 GLENAIR-390AH058M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
443AH009NF08 GLENAIR-443AH009NF08 Datasheet
127Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
443FM009NF08 GLENAIR-443FM009NF08 Datasheet
102Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AA001M08 GLENAIR-390AA001M08 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390GH015M08 GLENAIR-390GH015M08 Datasheet
126Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA037M08 GLENAIR-390AA037M08 Datasheet
68Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA038M08 GLENAIR-390AA038M08 Datasheet
62Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com