Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6498 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6498
Description  72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6498 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6498 Datasheet HTML 7Page - Maxim Integrated Products MAX6498 Datasheet HTML 8Page - Maxim Integrated Products MAX6498 Datasheet HTML 9Page - Maxim Integrated Products MAX6498 Datasheet HTML 10Page - Maxim Integrated Products MAX6498 Datasheet HTML 11Page - Maxim Integrated Products MAX6498 Datasheet HTML 12Page - Maxim Integrated Products MAX6498 Datasheet HTML 13Page - Maxim Integrated Products MAX6498 Datasheet HTML 14Page - Maxim Integrated Products MAX6498 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
• The overvoltage waveform period (tOV)
• The power dissipated across the package (PDISS)
During an initial overvoltage occurrence, the discharge
time (
∆t1) of COUT, caused by IOUT and IGATEPD. The
discharge time is approximately:
where VOV is the overvoltage threshold, IOUT is the load
current, and IGATEPD is the GATE’s 100mA pulldown
current.
Upon OUT falling below the threshold point, the
MAX6495/MAX6496/MAX6499s’ charge-pump current
must recover and begins recharging the external GATE
voltage. The time needed to recharge GATE from -VD to
the MOSFET’s gate threshold voltage is:
where CISS is the MOSFET’s input capacitance,
VGS(TH) is the MOSFET’s gate threshold voltage, VD is
the internal clamp (from OUTFB to GATE) diode’s for-
ward voltage (1.5V, typ) and IGATE is the charge-pump
current (100µA typ).
During
∆t2, COUT loses charge through the output load.
The voltage across COUT (∆V2) decreases until the
MOSFET reaches its VGS(TH) threshold and can be
approximated using the following formula:
Once the MOSFET VGS(TH) is obtained, the slope of the
output-voltage rise is determined by the MOSFET Qg
charge through the internal charge pump with respect
to the drain potential. The new rise time needed to
reach a new overvoltage event can be calculated using
the following formula:
where QGD is the gate-to-drain charge.
The total period of the overvoltage waveform can be
summed up as follows:
∆tOV = ∆t1 + ∆t2 + ∆t3
The MAX6495/MAX6496/MAX6499 dissipate the most
power during an overvoltage event when IOUT = 0. The
maximum power dissipation can be approximated
using the following equation:
The die-temperature increase is related to
θJC (8.3°C/W
and 8.5°C/W for the MAX6495/MAX6496/MAX6499,
respectively) of the package when mounted correctly
with a strong thermal contact to the circuit board. The
MAX6495/MAX6496/MAX6499 thermal shutdown is
governed by the equation:
TJ = TA + PDISS (
θJC CA) < +170°C
Based on these calculations, the parameters of the
MOSFET, the overvoltage threshold, the output load
current, and the output capacitors are external vari-
ables affecting the junction temperature. If these para-
meters are fixed, the junction temperature can also be
affected by increasing
∆t3, which is the time the switch
is on. By increasing the capacitance at the GATE pin,
∆t3 increases as it increases the amount of time
required to charge up this additional capacitance
(75µA gate current). As a result,
∆tOV increases, there-
PV
I
t
t
DISS
OV
GATEPD
OV
.
×
×
0 975
1
t
Q
V
V
I
GD
GS
OUT
GATE
3
VI
t
C
OUT
OUT
2
2
=
∆tC
VV
I
ISS
GS TH
D
GATE
2
()
=
+
∆tC
V
II
OUT
OV
OUT
GATEPD
1
095
.
(
)
=
×
+
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
______________________________________________________________________________________
11
∆t2
∆t1
GATE
OUTFB
∆tOV
∆t3
Figure 5. MAX6495/MAX6496/MAX6499 Timing


Similar Part No. - MAX6498

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6498 MAXIM-MAX6498 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6498 MAXIM-MAX6498 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6498ATA+T MAXIM-MAX6498ATA+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6498ATA+T MAXIM-MAX6498ATA+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results

Similar Description - MAX6498

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com