Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4612EGE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4612EGE+
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4612EGE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4612EGE+ Datasheet HTML 1Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 2Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 3Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 4Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 5Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 6Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 7Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 8Page - Maxim Integrated Products MAX4612EGE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input-
Voltage High
IIN_H
-0.1
±0.001
+0.1
µA
CONDITIONS
VIN_ = 2.4V, all others = 0.8V
Input Current with Input-
Voltage Low
IIN_L
-0.1
±0.001
+0.1
µA
VIN_ = 0.8V, all others = 2.4V
Turn-On Time
tON
35
65
ns
Charge Injection
VCTE
15
pC
CL = 1.0nF, VGEN = 0,
RGEN = 0, Figure 3
TA = +25°C
TA = TMIN to TMAX
90
VCOM_ = 3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
30
VCOM_ = 3V, Figure 2
Turn-Off Time
tOFF
15
28
ns
Power-Supply Range
Signal = 0dBm, Figure 4,
50
Ω in and out
On-Channel Bandwidth
BW
300
MHz
TA = +25°C
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 4
Off-Isolation (Note 7)
VISO
-60
dB
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 5
Crosstalk (Note 8)
VCT
-80
dB
TA = +25°C
f = 1MHz, Figure 6
NO_ or NC_ Capacitance
C(OFF)
16
pF
TA = +25°C
f = 1MHz, Figure 6
COM_ Off-Capacitance CCOM(OFF)
16
pF
TA = +25°C
f = 1MHz, Figure 6
COM_ On-Capacitance
CCOM(ON)
pF
212
V
Supply Current
23
I+
VIN = 0 or V+,
all switches on or off
-1
±0.001
+1
µA
TA = +25°C
TA = +25°C
600
Ω IN and OUT,
20Hz to 20kHz, 2VP-P
Total Harmonic
Distortion
THD
%
0.009
Input High Voltage
VIN_H
2.4
1.5
V
Input Low Voltage
VIN_L
1.4
0.8
V
LOGIC INPUT
SUPPLY
DYNAMIC (Note 3)


Similar Part No. - MAX4612EGE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4612EGE MAXIM-MAX4612EGE Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results

Similar Description - MAX4612EGE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com