Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6010BEUR+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6010BEUR+T
Description  Precision, Micropower, 3V Series Voltage Reference in SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6010BEUR+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6010BEUR+T Datasheet HTML 1Page - Maxim Integrated Products MAX6010BEUR+T Datasheet HTML 2Page - Maxim Integrated Products MAX6010BEUR+T Datasheet HTML 3Page - Maxim Integrated Products MAX6010BEUR+T Datasheet HTML 4Page - Maxim Integrated Products MAX6010BEUR+T Datasheet HTML 5Page - Maxim Integrated Products MAX6010BEUR+T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Precision, Micropower, 3V Series
Voltage Reference in SOT23
_______________________________________________________________________________________
3
OUTPUT-VOLTAGE DRIFT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
2.996
2.997
2.998
2.999
3.001
3.000
3.002
3.003
2.995
-40
85
LINE REGULATION
INPUT VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
0.05
0.10
0.15
0.20
0.25
0
3.1
5.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
6
5
1
2
3
4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
07
TA = +25
°C
TA = -40
°C
TA = +85
°C
LOAD REGULATION
LOAD CURRENT (mA)
6
5
3
4
1
2
0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-1
7
TA = +25
°C
TA = -40
°C
TA = +85
°C
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
10
20
30
40
50
60
70
80
90
0
10
100,000
ILOAD = 0mA
ILOAD = 1mA
CIN = COUT = 47nF
Typical Operating Characteristics
(VIN = 5V, CIN = 0.1µF, COUT = 0.1µF. TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.52
3.54
3.56
3.58
3.60
3.62
3.64
3.66
3.68
3.70
3.50
3.1
5.5


Similar Part No. - MAX6010BEUR+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX601 MAXIM-MAX601 Datasheet
345Kb / 4P
   AC To DC Regulator
MAX6012 MAXIM-MAX6012 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012 MAXIM-MAX6012 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6012-MAX6050 MAXIM-MAX6012-MAX6050 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012AEUR-T MAXIM-MAX6012AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6010BEUR+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com