Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5388MAUB+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5388MAUB+
Description  Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5388MAUB+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5388MAUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX5388MAUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual, 256-Tap, Volatile Low-Voltage
Linear Taper Digital Potentiometers
_______________________________________________________________________________________ 3
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design
and characterization.
Note 2: DNL and INL are measured with the potentiometer configured as a voltage-divider (Figure 1) with H = VDD and L = GND.
The wiper terminal is unloaded and measured with an ideal voltmeter.
Note 3: R-DNL and R-INL are measured with the potentiometer configured as a variable resistor (Figure 1). DNL and INL are mea-
sured with the potentiometer configured as a variable resistor. H_ is unconnected and L_ = GND. For VDD = +5V, the wiper
terminal is driven with a source current of 400µA for the 10kI configuration, 80µA for the 50kI configuration, and 40µA for
the 100kI configuration. For VDD = +2.6V, the wiper terminal is driven with a source current of 200µA for the 10kI configu-
ration, 40µA for the 50kI configuration, and 20µA for the 100kI configuration.
Note 4: The wiper resistance is the worst value measured by injecting the currents given in Note 3 in to W with L = GND. RW = (VW
- VH)/IW.
Note 5: Drive HA with a 1kHz GND to VDD amplitude tone. LA = LB = GND. No load. WB is at midscale with a 10pF load. Measure
WB.
Note 6: The wiper-settling time is the worst case 0 to 50% rise time, measured between tap 0 and tap 127. H = VDD, L = GND, and
the wiper terminal is loaded with 10pF capacitance to ground.
Note 7: Digital timing is guaranteed by design and characterization, not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.6V to +5.5V, VH_ = VDD, VL_ = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +5V, TA
= +25˚C. ) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion
Plus Noise
THD+N
Measured at W, VH_ = 1VRMS at 1kHz
0.015
%
Wiper Settling Time (Note 6)
tS
MAX5386L/MAX5388L
300
ns
MAX5386M/MAX5388M
1000
MAX5386N/MAX5388N
2000
POWER SUPPLIES
Supply Voltage Range
VDD
2.6
5.5
V
Standby Current
Digital inputs = VDD or GND
1
F
A
DIGITAL INPUTS
Minimum Input High Voltage
VIH
70
%VDD
Maximum Input Low Voltage
VIL
30
%VDD
Input Leakage Current
-1
+1
F
A
Input Capacitance
5
pF
TIMING CHARACTERISTICS (Note 7)
Maximum SCLK Frequency
fMAX
10
MHz
SCLK Clock Period
tCP
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
CS Fall to SCLK Rise Setup Time
tCSS
40
ns
SCLK Rise to CS Rise Hold Time
tCSH
0
ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0
ns
SCLK Rise to CS Fall Delay
tCS0
10
ns
SCLK Rise to SCLK Rise Hold
Time
tCS1
40
ns
CS Pulse-Width High
tCSW
100
ns


Similar Part No. - MAX5388MAUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5388MAUB++ MAXIM-MAX5388MAUB+ Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5388MAUB++ MAXIM-MAX5388MAUB+ Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results

Similar Description - MAX5388MAUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com