Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5965A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5965A
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5965A Datasheet HTML 4Page - Maxim Integrated Products MAX5965A Datasheet HTML 5Page - Maxim Integrated Products MAX5965A Datasheet HTML 6Page - Maxim Integrated Products MAX5965A Datasheet HTML 7Page - Maxim Integrated Products MAX5965A Datasheet HTML 8Page - Maxim Integrated Products MAX5965A Datasheet HTML 9Page - Maxim Integrated Products MAX5965A Datasheet HTML 10Page - Maxim Integrated Products MAX5965A Datasheet HTML 11Page - Maxim Integrated Products MAX5965A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
SENSE TRIP VOLTAGE
vs. INPUT VOLTAGE
VAGND - VEE (V)
56
52
36
40
44
48
185.5
186.0
186.5
187.0
187.5
188.0
188.5
189.0
185.0
32
60
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VEE = -48V, VDD = +3.3V, VAUTO = VAGND = VDGND = 0V, RESET = SHD_ = unconnected, RSENSE = 0.5Ω, IVEE = 00, ICUT = 000,
TA = +25°C, all registers = default setting, unless otherwise noted.)
ANALOG SUPPLY CURRENT
vs. INPUT VOLTAGE
VAGND - VEE (V)
56
52
44
48
40
36
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
32
60
MEASURED AT AGND
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
-40
85
VEE = -32V
VEE = -60V
VEE = -48V
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
105
110
115
120
125
130
100
-40
85
VDD = 2.4V
VDD = 3.3V
VDD = 3.6V
MEASURED AT VDD
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
105
110
115
120
125
130
100
2.4
3.6
MEASURED AT VDD
VEE UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
27.5
28.0
28.5
29.0
29.5
30.0
27.0
-40
85
GATE OVERDRIVE
vs. INPUT VOLTAGE
VAGND - VEE (V)
56
52
44
48
40
36
9.92
9.94
9.96
9.98
10.00
10.02
10.04
10.06
10.08
10.10
9.90
32
60
GATE OVERDRIVE
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
-15
10
9.85
9.90
9.95
10.00
10.10
10.05
10.15
10.20
9.80
-40
85
SENSE TRIP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
184
188
192
196
180
-40
85


Similar Part No. - MAX5965A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 53P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 1; 1/10
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
MAX5965AEAX MAXIM-MAX5965AEAX Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5965AEAX++ MAXIM-MAX5965AEAX+ Datasheet
1Mb / 53P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 1; 1/10
More results

Similar Description - MAX5965A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A_12 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
MAX5965A MAXIM-MAX5965A_10 Datasheet
1Mb / 53P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 1; 1/10
MAX5965A MAXIM-MAX5965A_11 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Texas Instruments
TPS23880 TI1-TPS23880 Datasheet
201Kb / 9P
[Old version datasheet]   High-Power, 8-Channel, Power-over-Ethernet PSE With Programmable SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com