Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5386MATE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5386MATE+
Description  Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5386MATE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5386MATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX5386MATE+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Dual, 256-Tap, Volatile Low-Voltage
Linear Taper Digital Potentiometers
8 ______________________________________________________________________________________
Detailed Description
The MAX5386/MAX5388 dual, 256-tap, volatile low-volt-
age linear taper digital potentiometers offer three end-to-
end resistance values of 10kI, 50kI, and 100kI. Each
potentiometer consists of 255 fixed resistors in series
between terminals H and L. The potentiometer wiper, W,
is programmable to access anyone of the 256 tap points
on the resistor string.
The potentiometers in each device are programmable
independently of each other. The MAX5386/MAX5388
have an SPI interface.
SPI Digital Interface
The MAX5386/MAX5388 include an SPI interface, which
provides a 3-wire write-only serial data interface to con-
trol the wiper tap position through inputs chip select
(CS), data in (DIN), and data clock (SCLK). Drive CS
low to load data from DIN synchronously into the serial
shift register on the rising edge of each SCLK pulse.
The MAX5386/MAX5388 load the last 9 bits of clocked
data once CS transitions high. See Figures 2 and 3.
After all the data bits are shifted in, data are latched into
the appropriate potentiometer control register when CS
goes from low to high. Data written to a memory register
immediately updates the wiper position. Keep CS low
during the entire data stream to prevent the data from
being terminated.
The first bit A0 (address bit) addresses one of the two
potentiometers; writing a zero in A0 addresses control
register A and writing a one in A0 addresses control reg-
ister B. See Table 1. The power-on reset (POR) circuitry
sets the wiper to midscale (D[7:0] 1000 0000).
The 8 data bits (D7–D0) indicate the position of the
wiper. For D[7:0] = 0000 0000, the wiper moves to the
position closest to L. For D[7:0] = 1111 1111, the wiper
moves closest to H. D[7:0] is 1000 0000 following power-
on for both registers A and B.
Register A: The data byte writes to register A, and the
wiper of potentiometer A moves to the appropriate posi-
tion at the rising edge of CS. D[7:0] indicates the posi-
tion of the wiper. D[7:0] = 0000 0000 moves the wiper to
the position closest to L. D[7:0] = 1111 1111 moves the
wiper to the position closest to H. D[7:0] is 1000 0000
following power-on.
Register B: The data byte writes to register B, and the
wiper of potentiometer B moves to the appropriate posi-
tion at the rising edge of CS. D[7:0] indicates the posi-
tion of the wiper. D[7:0] = 0000 0000 moves the wiper to
the position closest to L. D[7:0] = 1111 1111 moves the
wiper to the position closest to H. D[7:0] is 1000 0000
following power-on.
Table 1. SPI Register Map
Bit Number
1
2
3
4
5
6
7
8
9
Bit Name
A0
D7
D6
D5
D4
D3
D2
D1
D0
Write Wiper Register A
0
D7
D6
D5
D4
D3
D2
D1
D0
Write Wiper Register B
1
D7
D6
D5
D4
D3
D2
D1
D0


Similar Part No. - MAX5386MATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5386MATE++ MAXIM-MAX5386MATE+ Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386MATE++ MAXIM-MAX5386MATE+ Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results

Similar Description - MAX5386MATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com