Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5139GTE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5139GTE+
Description  Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5139GTE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5139GTE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5139GTE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Low-Power, Single, 16-/12-Bit,
Buffered Voltage-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = 2.7V to 5.25V, VDVDD = 2.7V to 5.25V, VAVDD ≥ VDVDD, VAGND = 0, VREFI = VAVDD - 0.25V, COUT = 200pF, ROUT = 10kΩ,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................-0.3V to +6V
DVDD to AGND ........................................................-0.3V to +6V
OUT to AGND...............................................-0.3V to the lower of
(AVDD + 0.3V) and +6V
REFI, REFO, M/Z to AGND ...........................-0.3V to the lower of
(AVDD + 0.3V) and +6V
SCLK, DIN, CS to AGND ..............................-0.3V to the lower of
(DVDD + 0.3V) and +6V
LDAC, READY to AGND...............................-0.3V to the lower of
(DVDD + 0.3V) and +6V
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate at 14.7mW/°C above +70°C) ..1176.5mW
Maximum Current into Any Input or Output
with the Exception of M/Z Pin .......................................±50mA
Maximum Current into M/Z Pin ...........................................±5mA
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY (Notes 1, 2)
MAX5138
16
Resolution
N
MAX5139
12
Bits
(Note 3)
-9
±2
+11
MAX5138 Integral Nonlinearity
INL
VREFI = 5V,
AVDD = 5.25V
TA = +25°C
±6
LSB
MAX5139 Integral Nonlinearity
INL
VREFI = 5V, AVDD = 5.25V
-1
±0.25
+1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
-1.0
+1.0
LSB
Offset Error
OE
(Note 4)
-10
±1
+10
mV
Offset-Error Drift
±4
µV/°C
Gain Error
GE
(Note 4)
-0.5
±0.2
+0.5
% of FS
Gain Temperature Coefficient
±2
ppm
FS/°C
REFERENCE INPUT
AVDD = 3V to 5.25V
2
AVDD
Reference-Input Voltage Range
VREFI
AVDD = 2.7V to 3V
2
AVDD -
0.2
V
Reference Input Impedance
113
k
Ω
INTERNAL REFERENCE
Reference Voltage
VREFO
TA = +25°C
2.437
2.440
2.443
V
Reference Temperature Coefficient
(Note 5)
10
25
ppm/°C
Reference Output Impedance
1
Ω
Line Regulation
100
ppm/V
Maximum Capacitive Load
CR
0.1
nF


Similar Part No. - MAX5139GTE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5139 MAXIM-MAX5139 Datasheet
445Kb / 13P
   MAX5138 Evaluation Kit
Rev 0; 2/09
MAX5139 MAXIM-MAX5139_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results

Similar Description - MAX5139GTE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
logo
Texas Instruments
DAC7562-Q1 TI1-DAC7562-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com