Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4784ETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4784ETE
Description  0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4784ETE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4784ETE Datasheet HTML 1Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4784ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
19-2365; Rev 4; 3/09
General Description
The MAX4780/MAX4784 are low on-resistance, low-
voltage, quad 2:1 analog multiplexers that operate from
a single +1.6V to +4.2V supply. These devices have
fast switching speeds (tON = 20ns, tOFF = 8ns), handle
rail-to-rail analog signals, and consume less than 1µW
of quiescent power.
When powered from a +2.7V supply, the MAX4780/
MAX4784 feature low 0.7Ω on-resistance (RON), and
0.1Ω RON flatness. The digital logic input is +1.8V
CMOS-logic compatible when using a single +3V supply.
The MAX4780/MAX4784 are available in 16-pin TSSOP
and 3mm x 3mm thin QFN packages.
Applications
Power Routing
Battery-Powered Systems
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
PCMCIA Cards
Cellular Phones
Modems
Hard Drives
Features
♦ Single-Supply Operation from 1.6V to 4.2V
♦ Low RON
0.7Ω (+2.7V Supply)
2Ω (+1.8V Supply)
♦ 0.1Ω RON Flatness (+2.7V Supply)
♦ 3mm x 3mm Thin QFN Package
♦ +1.8V CMOS Logic Compatible
♦ Fast Switching: tON = 20ns, tOFF = 8ns
0.7
Ω
Ω, Low-Voltage, Quad 2:1 Analog
Multiplexers
________________________________________________________________
Maxim Integrated Products
1
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
NC1
A0
V+
EN
NC4
NO4
COM4
NC3
NO3
COM3
GND
THIN QFN-EP
COM2
NO2
NC2
COM1
NO1
CONTROL LOGIC
MAX4784
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
NC1
A0
V+
A1
NC4
NO4
COM4
NC3
NO3
COM3
GND
THIN QFN-EP
COM2
NO2
NC2
COM1
NO1
MAX4780
EN
1
A0
X
00
ON SWITCH
NONE
COM1-NC1
COM2-NC2
COM3-NC3
COM4-NC4
COM1-NO1
COM2-NO2
COM3-NO3
COM4-NO4
01
MAX4784
MAX4780
A0
0
1
A1
0
1
ON SWITCH
NC1, NC2
NO1, NO2
ON SWITCH
NC3, NC4
NO3, NO4
TOP VIEW
PART
TEMP RANGE
PIN-PACKAGE
MAX4780ETE
-40°C to +85°C
16 Thin QFN-EP*
MAX4780EUE
-40°C to +85°C
16 TSSOP
MAX4784ETE
-40°C to +85°C
16 Thin QFN-EP*
MAX4784EUE
-40°C to +85°C
16 TSSOP
Pin Configurations/Functional Diagrams/Truth Tables continued at end of data sheet.
*
EP = Exposed pad.


Similar Part No. - MAX4784ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4784ETE MAXIM-MAX4784ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

Similar Description - MAX4784ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com