Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4760ETX+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4760ETX+T
Description  High-Bandwidth, Quad DPDT Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4760ETX+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4760ETX+T Datasheet HTML 1Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX4760ETX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Bandwidth, Quad DPDT Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3V, TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
V+ .............................................................................-0.3V to +6V
IN_,
EN (MAX4760/MAX4761 ...................................-0.3V to +6V
IN_,
EN (MAX4760A/MAX4761A ..................-0.3V to (V+ + 0.3V)
COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V)
Continuous Current
NO_, NC_, COM_ .......................................................±100mA
Peak Current
(pulsed at 1ms, 10% duty cycle)................................±200mA
(pulsed at 1ms, 50% duty cycle)............................... ±300mA
Continuous Power Dissipation (TA = +70°C)
36-Bump UCSP (derate 15.3mW/°C above +70°C).... 1221mW
36-Pin TQFN (derate 26.3mW/°C above +70°C)......... 2105mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
Note 1: Signals on NO_, NC_, COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
TMIN to TMAX
0
V+
V
+25°C
2.0
3.5
On-Resistance
RON
V+ = 2.7V, ICOM_ = 10mA,
VNC_ or VNO_ = 0V or V+ (Note 4)
TMIN to TMAX
4
Ω
+25°C
0.2
0.4
On-Resistance Match
Between Channels
ΔRON
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 1.5V (Notes 4, 5)
TMIN to TMAX
0.55
Ω
+25°C
0.8
1.5
On-Resistance Flatness
RFLAT(ON)
V+ = 2.7V, ICOM_=10mA,
VNC_ or VNO_ = 0V or V+ (Note 6)
TMIN to TMAX
1.8
Ω
+25°C
-5
+5
NO_, NC_ Off-Leakage
Current
INO_(OFF),
INC_(OFF)
V+ = 3.6V;
VCOM_ = 3.3V, 0.3V;
VNO_ or VNC_ = 0.3V, 3.3V
TMIN to TMAX
-25
+25
nA
+25°C
-5
0.1
+5
COM_ Off-Leakage Current
V+ = 3.6V (MAX4761/MAX4761A);
VCOM_ = 3.3V, 0.3V; VNO_ or
VNC_ = 0.3V, 3.3V
TMIN to TMAX
-25
+25
nA
+25°C
-5
+5
COM_ On-Leakage Current
ICOM_(ON)
V+ = 3.6V; VCOM_ = 3.3V, 0.3V; VNO_
or VNC_ = 3.3V, 0.3V or unconnected
TMIN to TMAX
-25
+25
nA
DYNAMIC
+25°C
45
140
MAX4760/
MAX4761
TMIN to TMAX
150
ns
+25°C
400
800
Turn-On Time
tON
VNO_ or VNC_ = 1.5V;
RL = 50
Ω; CL = 35pF,
Figure 2
MAX4760A/
MAX4761A
TMIN to TMAX
800
ns


Similar Part No. - MAX4760ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760ETX MAXIM-MAX4760ETX Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760ETX MAXIM-MAX4760ETX Datasheet
272Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
More results

Similar Description - MAX4760ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_07 Datasheet
272Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
   Low voltage high bandwidth quad DPDT switch
August 2013 Rev 4
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com