Electronic Components Datasheet Search |
|
MAX4820 Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX4820 Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 12 page +3.3V/+5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface 6 _______________________________________________________________________________________ Detailed Description The MAX4820/MAX4821 8-channel relay drivers offer built-in kickback protection and drive +3.3V/+5V non- latching or dual-coil-latching relays. These devices are especially useful when driving +3V relays. Each inde- pendent open-drain output features a 2Ω on-resistance and is guaranteed to sink 70mA (min) load current. Both devices consume less than 50µA (max) quiescent cur- rent and feature 1µA (min) output off-leakage current. The MAX4820 features an SPI/QSPI/MICROWIRE-com- patible serial interface. Input data is shifted into an 8-bit shift register and latched to the outputs when CS transi- tions from low to high. Each data bit in the shift register corresponds to a specific output, allowing independent control of all outputs. The MAX4821 features a 4-bit (A0, A1, A2, LVL) parallel input interface. The three bits (A0, A1, A2) determine the output address, and LVL determines whether the selected output is switched on or off. Data is latched to the outputs when CS transitions from low to high. Both devices feature separate set and reset functions that allow the user to turn on or turn off all outputs simultaneously with a single control line. Built-in hys- teresis (Schmidt trigger) on all digital inputs allows this device to be used with slow rising and falling signals, such as those from optocouplers or RC power-up ini- tialization circuits. The MAX4820/MAX4821 are avail- able in 20-pin TSSOP and space-saving 20-pin Thin QFN packages. PIN MAX4820 MAX4821 THIN QFN TSSOP THIN QFN TSSOP NAME FUNCTION 12 14 12 14 OUT5 Open-Drain Output 5. Connect OUT5 to the low side of a relay coil. This output is pulled to PGND when activated, but otherwise is high impedance. 13 15 13 15 COM Common Free-Wheeling Diodes. Connect COM to VCC. COM can also be connected to a separate supply that is higher than VCC. In that case, bypass VCC to GND with a 0.1µF capacitor. 14 16 14 16 OUT4 Open-Drain Output 4. Connect OUT4 to the low side of a relay coil. This output is pulled to PGND when activated, but otherwise is high impedance. 15 17 15 17 OUT3 Open-Drain Output 3. Connect OUT3 to the low side of a relay coil. This output is pulled to PGND when activated, but otherwise is high impedance. 17 19 17 19 OUT2 Open-Drain Output 2. Connect OUT2 to the low side of a relay coil. This output is pulled to PGND when activated, but otherwise is high impedance. 18 20 18 20 OUT1 Open-Drain Output 1. Connect OUT1 to the low side of a relay coil. This output is pulled to PGND when activated, but otherwise is high impedance. 19 1 19 1 VCC Input Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor. 20 2 20 2 SET Set Input. Drive SET low to set all latches and registers high (all outputs are turned on). SET overrides all parallel and serial control inputs. RESET overrides SET under all conditions. — — 3 5 LVL Level Input. LVL determines whether the selected address is switched on or off. A logic high on LVL switches on the addressed output. A logic low on LVL switches off the addressed output. — — 4 6 A0 Digital Address “0” Input. (See Table 2 for address mapping.) — — 5 7 A1 Digital Address “1” Input. (See Table 2 for address mapping.) — — 6 8 A2 Digital Address “2” Input. (See Table 2 for address mapping.) — — — — EP Exposed Pad (Thin QFN Only). Connect exposed pad to GND. Pin Description (continued) |
Similar Part No. - MAX4820_09 |
|
Similar Description - MAX4820_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |