Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4693 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4693
Description  Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4693 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4693 Datasheet HTML 2Page - Maxim Integrated Products MAX4693 Datasheet HTML 3Page - Maxim Integrated Products MAX4693 Datasheet HTML 4Page - Maxim Integrated Products MAX4693 Datasheet HTML 5Page - Maxim Integrated Products MAX4693 Datasheet HTML 6Page - Maxim Integrated Products MAX4693 Datasheet HTML 7Page - Maxim Integrated Products MAX4693 Datasheet HTML 8Page - Maxim Integrated Products MAX4693 Datasheet HTML 9Page - Maxim Integrated Products MAX4693 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/
Quad SPDT in UCSP Package
6
_______________________________________________________________________________________
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used
in this data sheet.
Note 3: UCSP parts are 100% tested at TA = +25°C. Limits across the full temperature range are guaranteed by correlation.
Note 4: QFN and TQFN parts are 100% tested at TA = +85°C. Limits across the full temperature range are guaranteed by correlation.
Note 5: UCSP RON and RON match are guaranteed by design.
Note 6:
∆RON = RON(MAX) - RON(MIN).
Note 7: Leakage parameters are guaranteed by design.
Note 8: Off-isolation = 20log10 (VW,X,Y,Z / VW_,X_,Y_,Z_), VW,X,Y,Z = output, VW_,X_,Y_,Z_ = input to off switch.
Note 9: Between any two switches.
Note 10: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (continued)
(MAX4691/MAX4692/MAX4693 only)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VIH = +2V, VIL = +0.8V, TA = -40°C to +85°C, unless otherwise noted.) (Notes 2, 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
-2
2
X, Y, Z On-Leakage Current
(Note 7)
IX(ON),
IY(ON),
IZ(ON)
V+ = 5.5V; V- = -5.5V;
VX, VY, VZ =
±4.5V;
VX_, VY_, VZ_ =
±4.5V,
or unconnected
-40°C to +85°C
-20
20
nA
DYNAMIC
+25°C
55
80
Enable Turn-On Time
tON
VX_, VY_, VZ_ = 3V; RL = 300
Ω,
CL = 35pF, Figure 2
-40°C to +85°C
90
ns
+25°C
35
50
Enable Turn-Off Time
tOFF
VX_, VY_, VZ_ = 3V; RL = 300
Ω,
CL = 35pF, Figure 2
-40°C to +85°C
60
ns
+25°C
60
90
Address Transition TimetTRANS
VX_, VY_, VZ_ = 0, 3V;
RL = 300
Ω, CL = 35pF,
Figure 3
-40°C to +85°C
100
ns
+25°C
2
20
Break-Before-Make
tBBM
VX_, VY_, VZ_ = 3V; RL = 300
Ω,
CL = 35pF, Figure 4
-40°C to +85°C
2
ns
Charge Injection
Q
VGEN = 0; R GEN = 0;
CL = 1nF, Figure 5
+25°C
1.8
pC
Off-Isolation (Note 8)
VISO
f = 0.1MHz, RL = 50
Ω,
CL = 5pF, Figure 6
+25°C
-82
dB
Crosstalk (Note 9)
VCT
f = 0.1MHz, RL = 50
Ω,
CL = 5pF, Figure 7
+25°C
-84
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VX, VY, VZ =
5Vp-p; RL = 600
Ω,
+25°C
0.02
%
DIGITAL I/O
Input Logic-High
VIH
2V
Input Logic-Low
VIL
0.8
V
Input Leakage Current
IIN
VA, VB, VC, VEN = 0 or V+
-1
+1
µA
SUPPLY
+25°C
0.1
Positive Supply Current
I+
V+ = 5.5V; V- = 5.5V;
VA, VB, VC, VEN = 0 or V+
-40°C to +85°C
1
µA


Similar Part No. - MAX4693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4693EBE+T MAXIM-MAX4693EBE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
MAX4693EBE-T MAXIM-MAX4693EBE-T Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4693EGE MAXIM-MAX4693EGE Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4693EGE++ MAXIM-MAX4693EGE+ Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
MAX4693ETE+T MAXIM-MAX4693ETE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
More results

Similar Description - MAX4693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691 MAXIM-MAX4691 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691 MAXIM-MAX4691_V01 Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com