Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4684ETB+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4684ETB+T
Description  0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4684ETB+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4684ETB+T Datasheet HTML 2Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 3Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 4Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 5Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 6Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 7Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 8Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 9Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.5
Ω
Ω/0.8Ω
Ω Low-Voltage, Dual SPDT
Analog Switches in UCSP
8
_______________________________________________________________________________________
VGEN
GND
COM_
CL
VOUT
V+
VOUT
IN
OFF
ON
OFF
ΔVOUT
Q = (
ΔVOUT)(CL)
NC_
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIL TO VIH
V+
RGEN
IN_
MAX4684
MAX4685
OR NO_
Figure 4. Charge Injection
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND "ON" NO_ OR NC_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
+5V
VOUT
V+
IN_
NC_
COM
NO
VIN
MAX4684
MAX4685
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
0V OR V+
50
Ω
GND
Figure 5. On-Loss, Off-Isolation, and Crosstalk
CAPACITANCE
METER
NC_ or
NO_
COM_
GND
IN
VIL
OR
VIH
10nF
V+
f = 1MHz
V+
MAX4684
MAX4685
Figure 6. Channel Off/On-Capacitance
Test Circuits/Timing Diagrams (continued)
TOP VIEW
NC2
IN1
GND
NC1
COM2
IN2
COM1
NO1
NO2
V+
3mm 3mm TDFN
9
8
10
7
6
*CONNECT EP TO GND.
2
3
1
4
5
*EP
MAX4684/MAX4685
Pin Configurations (continued)


Similar Part No. - MAX4684ETB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4684ETB MAXIM-MAX4684ETB Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results

Similar Description - MAX4684ETB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com