Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4413EKA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4413EKA-T
Description  Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4413EKA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4413EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX4413EKA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz
Single-Supply Op Amps with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
50ns/div
RL = 1k
Ω
LARGE-SIGNAL PULSE RESPONSE
INPUT
500mV/div
OUTPUT
500mV/div
50ns/div
RL = 1k
Ω
LARGE-SIGNAL PULSE RESPONSE
INPUT
1V/div
OUTPUT
1V/div
50ns/div
RL = 1k
Ω
INPUT
50mV/div
OUTPUT
50mV/div
50ns/div
RL = 150
Ω
SMALL-SIGNAL PULSE RESPONSE
INPUT
500mV/div
OUTPUT
500mV/div
50ns/div
LARGE-SIGNAL PULSE RESPONSE
RL = 150
Ω
INPUT
50mV/div
OUTPUT
50mV/div
50ns/div
SMALL-SIGNAL PULSE RESPONSE
(CL = 15pF)
1000
0.1
100k
1M
100M
1G
MAX4412/MAX4413
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
1
10
100
FREQUENCY (Hz)
10M
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = 1.75V, AVCL = +1V/V, RF = 24Ω, RL = 1kΩ to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)
0
-100
100k
1M
10M
100M
1G
MAX4413
CROSSTALK vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
0
300
200
100
400
500
600
100
1000
RLOAD (
Ω)
MAX4412/MAX4413
SMALL SIGNAL BANDWIDTH
vs. LOAD RESISTANCE


Similar Part No. - MAX4413EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4413EKA-T MAXIM-MAX4413EKA-T Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
More results

Similar Description - MAX4413EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com