Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4163 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4163
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4163 Datasheet HTML 4Page - Maxim Integrated Products MAX4163 Datasheet HTML 5Page - Maxim Integrated Products MAX4163 Datasheet HTML 6Page - Maxim Integrated Products MAX4163 Datasheet HTML 7Page - Maxim Integrated Products MAX4163 Datasheet HTML 8Page - Maxim Integrated Products MAX4163 Datasheet HTML 9Page - Maxim Integrated Products MAX4163 Datasheet HTML 10Page - Maxim Integrated Products MAX4163 Datasheet HTML 11Page - Maxim Integrated Products MAX4163 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
8
_______________________________________________________________________________________
IN
2V/div
OUT
2V/div
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 0)
MAX4162-31
100µs/div
VDD = 5V, VIN = 4V, RL = 100kΩ to VDD/2,
CL = 0
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0, VCM = VDD/2, TA = +25°C, unless otherwise noted.)
IN
50mV/div
OUT
50mV/div
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 1500pF)
MAX4162-28
100µs/div
VDD = 5V, VIN = 100mV, RL = 100kΩ to VDD/2,
CL = 1500pF
IN
1V/div
OUT
1V/div
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 0)
MAX4162-29
100µs/div
VDD = 3V, VIN = 2V, RL = 100kΩ to VDD/2,
CL = 0
IN
1V/div
OUT
1V/div
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 1500pF)
MAX4162-30
100µs/div
VDD = 3V, VIN = 2V, RL = 100kΩ to VDD/2,
CL = 1500pF
IN
50mV/div
OUT
50mV/div
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 0)
MAX4162-27
100µs/div
VDD = 5V, VIN = 100mV, RL = 100kΩ to VDD/2,
CL = 0


Similar Part No. - MAX4163

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4163 MAXIM-MAX4163 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4163EBL+T MAXIM-MAX4163EBL+T Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4163EBL+T*+T* MAXIM-MAX4163EBL+T* Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4163ESA MAXIM-MAX4163ESA Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4163ESA++ MAXIM-MAX4163ESA+ Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results

Similar Description - MAX4163

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com