Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3841ETG+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3841ETG+
Description  12.5Gbps CML 2 × 2 Crosspoint Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3841ETG+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3841ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3841ETG+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12.5Gbps CML 2
× 2 Crosspoint Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, VCC_IN = +1.71V to VCC, VCC_OUT = +1.71V to VCC, TA = -40°C to +85°C. Typical values are at VCC =
+3.3V, VCC_IN = VCC_OUT = 1.8V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Guaranteed by design and characterization.
Note 2: Differential swing is defined as VIN = (IN_+) - (IN_-) and VOUT = (OUT_+) - (OUT_-). See Figure 1.
Note 3: Measured using a 0000011111 pattern at 12.5Gbps, and VIN = 400mVP-P differential.
Note 4: Measured at 9.953Gbps using a pattern of 100 ones, 27 - 1 PRBS, 100 zeros, 27 - 1 PRBS, and at 12.5Gbps using a ±K28.5
pattern. VCC_IN = VCC_OUT = 1.8V, and VIN = 400mVP-P differential.
Note 5: Refer to Application Note 1181:
HFAN-04.5.1: Measuring Random Jitter on a Digital Sampling Oscilloscope.
Supply Voltage, VCC..............................................-0.5V to +4.0V
CML Supply Voltage (VCC_IN, VCC_OUT)...........-0.5V to +4.0V
Continuous Output Current (OUT1
±, OUT2±)...................±25mA
CML Input Voltage (IN1
±, IN2±)...........-0.5V to (VCC_IN + 0.5V)
LVCMOS Input Voltage (SEL1, SEL2,
ENO1, ENO2) .........................................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
24-Pin Thin QFN (derate 20.8mW/°C
above +85°C).............................................................1352mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Core Supply Current
ICC
Excluding CML termination currents
65
90
mA
Data Rate
(Note 1)
0
12.5
Gbps
CML Input Differential
VIN
AC-coupled or DC-coupled (Note 2)
150
1200
mVP-P
CML Input Common Mode
DC-coupled
VCC_IN - 0.3
VCC_IN
V
CML Input Termination
Single ended
42.5
50
57.5
CML Input Return Loss
Up to 10GHz
12
dB
CML Output Differential
VOUT
(Note 2)
400
500
600
mVP-P
CML Output Termination
Single ended
42.5
50
57.5
CML Output Transition Time
tR, tF
20% to 80% (Notes 1, 3)
30
ps
Deterministic Jitter
(Notes 1, 4)
10
psP-P
Random Jitter
VIN = 150mVP-P (Notes 1, 5)
0.3
0.7
psRMS
Propagation Delay
Any input to output (Note 1)
100
140
ps
Channel-to-Channel Skew
(Note 1)
12
ps
Output Duty-Cycle Skew
50% input duty cycle (Notes 1, 3)
8
ps
LVCMOS Input Current
IIH, IIL
-10
+10
μA
LVCMOS Input High Voltage
VIH
1.7
V
LVCMOS Input Low Voltage
VIL
0.7
V


Similar Part No. - MAX3841ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840ETJ++ MAXIM-MAX3840ETJ+ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
More results

Similar Description - MAX3841ETG+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com