Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3815ACCM+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3815ACCM+
Description  TMDS Digital Video Equalizer for HDMI/DVI Cables
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3815ACCM+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3815ACCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 9Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 10Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TMDS Digital Video Equalizer for
HDMI/DVI Cables
8 ______________________________________________________________________________________
Applications Information
Typical shielded twisted pair (STP), unshielded twisted
pair (UTP), and twin-ax cables exhibit skin-effect losses,
which attenuate the high-frequency spectrum of a TMDS
signal, eventually causing data errors or even closing
the signal eye altogether given a long enough cable. The
MAX3815A recovers the data and opens the signal eye
through compensating equalization.
The basic TMDS interface is composed of four differential
serial links: three links carry serial data up to 2.25Gbps
each, and the fourth is a one-tenth-rate (0.1x) clock that
operates up to 225MHz. TMDS, as with analog nVGA
links, must handle a variety of resolutions and screen
update rates. The actual range of digital serial rates is
roughly 250Mbps to 2.25Gbps. For applications requir-
ing ultra-high resolutions (e.g., QXGA), a “dual-link” DVI
interface is used and is composed of six data links plus
the clock, requiring two MAX3815A ICs with the clock
going to both ICs. See Figure 2.
The MAX3815A can be used to extend any TMDS inter-
face as used under the following trademarked names:
DVI (digital visual interface), DFP™ (digital flat-panel),
PanelLink, ADC™ (Apple display connector), and HDMI
(high-definition multimedia interface).
Loss-of-Clock Signal (CLKLOS) Output
A loss-of-clock signal is indicated by the CLKLOS out-
put. A low level on CLKLOS indicates that the signal
power on the RXC_IN pins has dropped below a thresh-
old. When there is sufficient input voltage to the channel
(typically greater than 100mVP-P differential), CLKLOS is
high. The CLKLOS output is suitable for indicating prob-
lems with the transmission link caused by, for example,
a broken cable, a defective driver, or a lost connection
to the equalizer. Note that the loss-of-clock circuitry is
sensitive to a DC or AC voltage between the RXC_IN
pins. A DC or AC voltage greater than Q30mV (typical) is
sensed as an active clock signal.
Figure 2. Connection Scheme for MAX3815A in Dual Link
Application
DFP is a trademark of Video Electronics Standards Association (VESA).
ADC is a trademark of Apple Computer, Inc.
Figure 4. Back Termination Circuit
Figure 3. Simplified CLKLOS Output Circuit Schematic
D0
D1
D2
D3
D4
D5
D0
D1
D2
D3
D4
D5
CLK
CLK
MAX3815A
MAX3815A
MAX3815A
RX_OUT-
267Ω
50Ω
+3.3V
50Ω
RX_OUT+
12.5mA
HDM/DVI
RECEIVER
VCC
VCC
CLKLOS
TO CHIP POWER-
CONTROL CIRCUITRY
4.7k
MAX3815A


Similar Part No. - MAX3815ACCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3815CCM MAXIM-MAX3815CCM Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3815CCM++ MAXIM-MAX3815CCM+ Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
More results

Similar Description - MAX3815ACCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
Texas Instruments
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com