Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3676EHJ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3676EHJ
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3676EHJ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3676EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 11Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 12Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 13Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 14Page - Maxim Integrated Products MAX3676EHJ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
______________________________________________________________________________________
11
Reduced Power Consumption
Without the Limiting Amplifier
The limiting amplifier is biased independently from the
clock recovery circuitry. Grounding INSEL turns off the
limiting amplifier and selects the PECL DDI inputs.
Converting Average Optical Power
to Signal Amplitude
Many of the MAX3676’s specifications relate to input-
signal amplitude. When working with fiber optic
receivers, the input is usually expressed in terms of
average optical power and extinction ratio. The rela-
tions given in Table 2 and Figure 6 are helpful for con-
verting optical power to input signal when designing
with the MAX3676.
In an optical receiver, the input voltage to the limiting
amplifier can be found by multiplying the relationship in
Table 2 by the photodiode responsivity and transim-
pedance amplifier gain.
Optical Hysteresis
Power and hysteresis are often expressed in decibels.
By definition, decibels are always 10log (power). At the
inputs to the MAX3676 limiting amplifier, the power is
VIN2/R. If a receiver’s optical input power (x) increases
by a factor of two, and the preamplifier is linear, then the
voltage at the input to the MAX3676 also increases by a
factor of two.
The optical power increase is:
10log(2x/x) = 10log(2) = +3dB
At the MAX3676, the voltage increase is:
In an optical receiver, the decibel change at the
MAX3676 always equals 2x the optical decibel change.
The MAX3676’s typical voltage hysteresis is 3.0dB. This
provides an optical hysteresis of 1.5dB.
Jitter in Optical Receivers
Timing jitter, edge speeds, aberrations, optical disper-
sion, and attenuation all impact the performance of
high-speed clock recovery for SDH/SONET receivers
(Figure 7). These effects decrease the time available
for error-free data recovery by reducing the received
“eye opening” of nonreturn-to-zero (NRZ) transmitted
signals.
10
10
2
20
2
2
2
2
log
log(
)
log(
2V
/ R
V/ R
=
IN
IN
()
=
))
=+6dB
TIME
P0
P1
PAVE
Figure 6. Optical Power Relations
Table 2. Optical-Power Relations*
*Assuming a 50% average input-data duty cycle.
SYMBOL
RELATION
Average
Power
PAVG
Extinction
Ratio
re
PARAMETER
Optical Power
of a “1”
P1
Optical Power
of a “0”
P0
Signal
Amplitude
PIN
P
= P0 + P1 / 2
AVG
()
r =
1 / P0
e
P
PP
r
r
AVG
e
e
12
1
=
+
P0
2P
/ r
1
AVG
e
=+
()
PP
P
P
r
r
IN
AVG
e
e
=−
=
()
+
10
2
1
1
EYE DIAGRAM WITH NO TIMING JITTER
EFFECTS OF TIMING JITTER ON EYE DIAGRAM
TIME
MIDPOINT
TIME
MIDPOINT
Figure 7. Eye Diagram With and Without Timing Jitter


Similar Part No. - MAX3676EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3676EHJ MAXIM-MAX3676EHJ Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
More results

Similar Description - MAX3676EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com