Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3629CTJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3629CTJ+
Description  3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3629CTJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3629CTJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3629CTJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+3.3V, Low-Jitter, Precision Clock Generator
with Multiple Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3.0V to +3.6V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VDD = +3.3V, TA = +25°C, unless otherwise
noted. When using X_IN, X_OUT input, no signal is applied at OSC_IN. When PLL is enabled, PLL_BP = high-Z or high. When PLL is
bypassed, PLL_BP = low.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SPECIFICATIONS (FSELA, FSELB,
PLL_BP Pins)
Input-Voltage High
VIH
2.0
VDD
V
Input-Voltage Low
VIL
0
0.8
V
Input High Current
IIH
VIN = VDD
80
μA
Input Low Current
IIL
VIN = 0V
-80
μA
LVCMOS/LVTTL INPUT SPECIFICATIONS (OSC_IN) (Note 6)
PLL enabled
25
Input Clock Frequency
PLL bypassed
20
320
MHz
Input Amplitude Range
(Note 7)
1.2
3.6
V
Input High Current
IIH
VIN = VDD
80
μA
Input Low Current
IIL
VIN = 0V
-80
μA
Reference Clock Duty Cycle
40
50
60
%
Input Capacitance
CIN
1.5
pF
CLOCK OUTPUT AC SPECIFICATIONS
VCO Center Frequency
625
MHz
FSELA = GND
125
FSELA = VDD
156.25
Output Frequency with PLL
Enabled (Q0)
FSELA = high-Z
312.5
MHz
FSELB = GND
125
FSELB = VDD
156.25
Output Frequency with PLL
Enabled (Q1 to Q7)
FSELB = high-Z (Note 8)
312.5
MHz
LVDS outputs
20
320
Output Frequency with PLL
Disabled
LVCMOS outputs
20
160
MHz
12kHz to 20MHz,
PLL_BP = high (Note 9)
0.4
Integrated Phase Jitter at
125MHz/156.25MHz
RJRMS
12kHz to 20MHz,
PLL_BP = high-Z
(Note 10)
0.4
psRMS
LVDS output
-55
Power-Supply Noise Rejection
(Note 11)
LVCMOS output
-47
dBc
LVDS output
9
Deterministic Jitter Due to
Supply Noise (Note 12)
LVCMOS output
23
psP-P
Nonharmonic and Subharmonic
Spurs
(Note 13)
-73
dBc
f = 100Hz
-116
f = 1kHz
-124
f = 10kHz
-127
f = 100kHz
-131
f = 1MHz
-144
LVDS Clock Output SSB Phase
Noise at 125MHz (Note 14)
f > 10MHz
-149
dBc/Hz


Similar Part No. - MAX3629CTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3620 MAXIM-MAX3620 Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620AETT MAXIM-MAX3620AETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620BETT MAXIM-MAX3620BETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620CETT MAXIM-MAX3620CETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
More results

Similar Description - MAX3629CTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com