Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3627 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3627
Description  3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3627 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3627 Datasheet HTML 1Page - Maxim Integrated Products MAX3627 Datasheet HTML 2Page - Maxim Integrated Products MAX3627 Datasheet HTML 3Page - Maxim Integrated Products MAX3627 Datasheet HTML 4Page - Maxim Integrated Products MAX3627 Datasheet HTML 5Page - Maxim Integrated Products MAX3627 Datasheet HTML 6Page - Maxim Integrated Products MAX3627 Datasheet HTML 7Page - Maxim Integrated Products MAX3627 Datasheet HTML 8Page - Maxim Integrated Products MAX3627 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
+3.3V, Low-Jitter, Precision Clock
Generator with Multiple Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.0V to +3.6V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VDD = +3.3V, TA = +25°C, unless otherwise
noted. When using X_IN, X_OUT input, no signal is applied at OSC_IN. When PLL is enabled, PLL_BP = high-Z or high. When PLL is
bypassed, PLL_BP = low.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage Range at VDD, VDDA,
VDDO_SE, VDDO_DIFF ................................................-0.3V to +4.0V
Voltage Range at Q0, Q0, Q1, Q1, Q2, Q2,
Q3, Q3, Q4, Q4, Q5, Q5, Q6, Q6, Q7,
PLL_BP, FSELA, FSELB, OE, OSC_IN ...-0.3V to (VDD + 0.3V)
Voltage Range at X_IN ..........................................-0.3V to +1.2V
Voltage Range at X_OUT .................................-0.3V to (VDD - 0.6V)
Continuous Power Dissipation (TA = +70
°C)
32-Pin TQFN-EP (derate 34.5mW/
°C above +70°C)..2759mW
Operating Junction Temperature Range ...........-55°C to +150°C
Storage Temperature Range .............................-65°C to +160°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PLL enabled
190
256
Power-Supply Current (Note 2)
IDD
PLL bypassed
175
mA
LVDS OUTPUTS (Q0,
Q0, Q1, Q1, Q2, Q2, Q3, Q3, Q4, Q4, Q5, Q5, Q6, Q6)
Output High Voltage
VOH
1.475
V
Output Low Voltage
VOL
0.925
V
Differential Output Voltage
Amplitude
|VOD|
Figure 1
250
400
mV
Change in Magnitude of
Differential Output for
Complementary States
|VOD|
25
mV
Output Offset Voltage
VOS
1.125
1.275
V
Change in Magnitude of Output
Offset Voltage for
Complementary States
|VOS|
25
mV
Differential Output Impedance
80
105
140
Shorted together
5
Output Current
Short to ground (Note 3)
8
mA
Clock Output Rise/Fall Time
tr, tf
20% to 80%, RL = 100
100
200
330
ps
PLL enabled
48
50
52
Output Duty-Cycle Distortion
PLL bypassed (Note 4)
46
50
54
%
LVCMOS/LVTTL OUTPUT (Q7)
Output Frequency
160
MHz
Output High Voltage
VOH
IOH = -12mA
2.6
VDD
V
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Output Rise/Fall Time
tr, tf
20% to 80% at 125MHz (Note 5)
0.15
0.4
0.8
ns
PLL enabled
46
50
54
Output Duty-Cycle Distortion
PLL bypassed (Note 4)
45
50
55
%
Output Impedance
ROUT
15


Similar Part No. - MAX3627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3620 MAXIM-MAX3620 Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620AETT MAXIM-MAX3620AETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620BETT MAXIM-MAX3620BETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620CETT MAXIM-MAX3620CETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
More results

Similar Description - MAX3627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com