Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3450EEUD+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3450EEUD+
Description  ±15kV ESD-Protected USB Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3450EEUD+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3450EEUD+ Datasheet HTML 6Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 7Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 8Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 9Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 10Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 11Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 12Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 13Page - Maxim Integrated Products MAX3450EEUD+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
±15kV ESD-Protected USB Transceivers
______________________________________________________________________________________
11
Figure 3. Enable and Disable Timing, Driver
OE
D+/D-
tPLZ_DRV
tPZL_DRV
tPHZ_DRV
tPZH_DRV
VP/VM CONNECTED TO GND,
D+/D- CONNECTED TO PULLUP
VP/VM CONNECTED TO VL,
D+/D- CONNECTED TO PULLDOWN
OE
D+/D-
VL
DUT
+3V
150
Ω
150
Ω
VP/VM
D+/D-
Figure 4. Timing of D+ and D- to RCV, VM, and VP
+3V
0
RCV, VM, AND VP
VL
D+ / D-
tPLH_RCV,
tPLH_SE
tPHL_RCV,
tPHL_SE
INPUT RISE/FALL TIME < 4ns
Figure 5. Enable and Disable Timing, Receiver
OE
VP/VM
VP/VM
tPLZ_SE
tPZL_SE
tPHZ_SE
tPZH_SE
D+/D- CONNECTED TO GND,
VP/VM CONNECTED TO PULLUP
D+/D- CONNECTED TO +3V,
VP/VM CONNECTED TO PULLDOWN
OE
VL
DUT
+3V
560
Ω
560
Ω
VP/VM
D+/D-
Figure 6. Test Circuits
MAX3450E
MAX3451E
MAX3452E
RCV, VM,
AND VP
TEST
POINT
(a) LOAD FOR RCV, VM, AND VP
MAX3450E
MAX3451E
MAX3452E
D+ AND D-
24
Ω
15k
Ω
CL
CL
TEST
POINT
(b) LOAD FOR D+/D-


Similar Part No. - MAX3450EEUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450EEUD MAXIM-MAX3450EEUD Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
More results

Similar Description - MAX3450EEUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com