Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3580 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3580 Datasheet HTML 1Page - Maxim Integrated Products MAX3580 Datasheet HTML 2Page - Maxim Integrated Products MAX3580 Datasheet HTML 3Page - Maxim Integrated Products MAX3580 Datasheet HTML 4Page - Maxim Integrated Products MAX3580 Datasheet HTML 5Page - Maxim Integrated Products MAX3580 Datasheet HTML 6Page - Maxim Integrated Products MAX3580 Datasheet HTML 7Page - Maxim Integrated Products MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Direct-Conversion TV Tuner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX3580 EV kit, VCC = +3.1V to +3.5V, VGND = 0, VBB_AGC = VRF_AGC = +2.85V, RF input terminated into a 75Ω load, BBI_ and
BBQ_ are open, no input signal, VCO active, registers set according to the specified default register conditions, unless otherwise
specified. Typical values are at VCC = +3.3V, TA =+25°C, unless otherwise specified.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC_ _ to GND......................................................-0.3V to +3.6V
SDA, SCL, ADDR2, MUX, REF_BUFF,
BB_AGC, RF_AGC to GND ................................-0.3V to +3.6V
All Other Pins to GND ..............................-0.3V to (+VCC + 0.3V)
RF Input Power ...............................................................+10dBm
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Continuous Power Dissipation (TA = +70°C)
(derate 21.3mW/°C above +70°C) ..............................1702mW
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE AND CURRENT
Supply Voltage
VCC
3.1
3.5
V
Active
197
225
mA
Supply Current
ICC
Shutdown mode
<100
µA
RF_AGC AND BB_AGC
Input Bias Current
IAGC
VAGC at +0.5V and +2.85V
-50
+50
µA
Maximum gain
2.85
RF and Baseband AGC Control
Voltage
VAGC
Minimum gain
0.5
V
SERIAL INTERFACE AND MUX OUTPUT (SCL, SDA, MUX)
Input Logic-Level Low
VIL
0.3 x
VCC
V
Input Logic-Level High
VIH
0.7 x
VCC
V
Input Hysteresis
0.05 x
VCC
V
SDA, SCL Input Current
-10
+10
µA
Output Logic-Level Low
VOL
Sink current = 0.3mA
0.4
V
Output Logic-Level High
VOH
Source current = 0.3mA
VCC -
0.5
V
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580 Datasheet
376Kb / 7P
   3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
More results

Similar Description - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com