Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3450E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3450E
Description  ±15kV ESD-Protected USB Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3450E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3450E Datasheet HTML 5Page - Maxim Integrated Products MAX3450E Datasheet HTML 6Page - Maxim Integrated Products MAX3450E Datasheet HTML 7Page - Maxim Integrated Products MAX3450E Datasheet HTML 8Page - Maxim Integrated Products MAX3450E Datasheet HTML 9Page - Maxim Integrated Products MAX3450E Datasheet HTML 10Page - Maxim Integrated Products MAX3450E Datasheet HTML 11Page - Maxim Integrated Products MAX3450E Datasheet HTML 12Page - Maxim Integrated Products MAX3450E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Device Control
OE
OE controls the direction of communication. Drive OE
low to transfer data from the logic side to the USB side.
For
OE = low, VP and VM serve as differential driver
inputs to the USB transmitter.
Drive
OE high to transfer data from the USB side to the
logic side. For
OE = high, VP and VM serve as single-
ended receiver outputs from the USB inputs
(D+ and D-). RCV serves as a differential receiver out-
put, regardless of the state of
OE.
ENUM (MAX3451E)
The MAX3451E features an enumerate function that
allows software control of USB enumeration. USB proto-
col requires a 1.5kΩ pullup resistor to D+ or D- to indi-
cate the transmission speed to the host (see the
SPD
section). The MAX3451E provides an internal 1.5kΩ
pullup resistor. Remove the pullup resistor from the cir-
cuit to simulate a device disconnect from the USB. Drive
ENUM low to disconnect the internal pullup resistor.
Drive ENUM high to connect the internal pullup resistor.
The SPD state determines whether the pullup resistor
connects to D+ or D-. For ENUM = high, the internal
1.5kΩ pullup resistor connects to D+ when SPD = VL
(full speed) or to D- when SPD = GND (low speed).
SPD
SPD sets the transceiver speed. Connect SPD to GND to
select the low-speed data rate (1.5Mbps). Connect SPD
to VL to select the full-speed data rate (12Mbps). The
MAX3451E provides an internal pullup resistor for
selecting the bus speed. The MAX3450E and
MAX3452E require an external pullup resistor to D+ or
D- to set the bus speed. Connect the 1.5kΩ resistor
between D+ and VTRM to set the full-speed (12Mbps)
data rate, or connect the 1.5kΩ resistor between D- and
VTRM to set the low-speed (1.5 Mbps) data rate.
SUS
The SUS state determines whether the MAX3450E/
MAX3451E/MAX3452E operate in normal mode or in
suspend mode. Connect SUS to GND to enable normal
operation. Drive SUS high to enable suspend mode.
RCV asserts low and VP and VM remain active in sus-
pend mode (Tables 3 and 4). Supply current decreases
in suspend mode (see the
Electrical Characteristics).
±15kV ESD-Protected USB Transceivers
_______________________________________________________________________________________
9
Figure 1. Rise and Fall Times
VOHD
VOLD
90%
10%
90%
10%
tFR, tLR
tFF, tLF
Table 3a. Transmit Truth Table
(
OE = 0, SUS = 0)
INPUTS
OUTPUTS
VP
VM
D+
D-
RCV
OUTPUT STATE
00
00X
SE0
01
01
0
Logic 0
10
10
1
Logic 1
1
1
1
1
X
Undefined
X = Undefined.
Table 3b. Transmit Truth Table
(OE = 0, SUS = 1)
INPUTS
OUTPUTS
VP
VM
D+
D-
RCV
OUTPUT STATE
00
00
0
SE0
01
01
0
Logic 0
10
10
0
Logic 1
1
1
1
1
0
Undefined
Table 4a. Receive Truth Table
(OE = 1 and SUS = 0)
INPUTS
OUTPUTS
D+
D-
VP
VM
RCV
OUTPUT STATE
0
000
X
SE0
0
1010
Logic 0
1
0101
Logic 1
1
1
1
1
X
Undefined
X = Undefined.


Similar Part No. - MAX3450E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3450EETE MAXIM-MAX3450EETE Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3450EEUD MAXIM-MAX3450EEUD Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
More results

Similar Description - MAX3450E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com