Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2078CTK+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2078CTK+
Description  Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2078CTK+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2078CTK+ Datasheet HTML 3Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 4Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 5Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 6Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 7Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 8Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 9Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 10Page - Maxim Integrated Products MAX2078CTK+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Octal-Channel Ultrasound Front-End
with CW Doppler Mixers
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS—CW MODE (continued)
(
Typical Application Circuit, V/C = 0, PD = 0, NP = 0, CLP = 0, D43/D42/D41/D40 = 1/0/1/0 (RIN = 200Ω, LNA gain = 18.5dB), fRF =
fLO/16 = 5MHz, RS = 200Ω, CI_, CQ_ pulled up to 11V through four separate 0.1% 162Ω resistors, the rise/fall time of the LVDS clock
driving the LO_ is required to be 0.5ns, reference noise less than 10nV/√Hz from 1kHz to 20MHz (Note 9). Typical values are at VCC1
= 3.3V, VCC2 = 4.75V, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Two-Tone Intermodulation IMD3
at 100mV
fRF1 = 5MHz, 0.1VP-P, fRF2 = 5.01MHz at -25dBc,
fLO = 80MHz (Note 8)
-50
-55
dBc
Two-Tone Intermodulation IMD3
at 200mV
fRF1 = 5MHz, 0.2VP-P, fRF2 = 5.01MHz at -25dBc,
fLO = 80MHz (Note 8)
-48.5
dBc
Mixer Output-Voltage
Compliance
Valid voltage range (AC + DC) on summed mixer output
pins
4.5
12
V
Channel-to-Channel Phase
Matching
Measured under zero beat conditions, VRF = 100mVP-P,
fRF = 5MHz, fLO = 80MHz (Note 10)
±0.4
Degrees
Channel-to-Channel Gain
Matching
Measured under zero beat conditions, VRF = 100mVP-P,
fRF = 5MHz, fLO = 80MHz (Notes 10, 11)
±0.2
dB
fRF = 0.9MHz,
fLO/16 = 1MHz
19
23
26
Transconductance
Calculated from LNA input voltage
and twice the I or Q current
fRF = 7.6MHz,
fLO/16 = 7.5MHz
19
22.5
26
mS
LOW-POWER MODE (CLP = 1)
Noise Figure
No carrier
3.2
dB
Noise Figure at 100mVP-P Input
100mVP-P on input, fRF = fLO/16 = 1.25MHz, measured
at 1kHz offset
3.5
dB
Noise Figure at 200mVP-P Input
200mVP-P on input, fRF = fLO/16 = 1.25MHz, measured
at 1kHz offset
4.3
dB
SNR at 100mVP-P Input
100mVP-P on input, fRF = fLO/16 = 1.25MHz, measured
at 1kHz offset
-148.2
dBc/Hz
SNR at 200mVP-P Input
200mVP-P on input, fRF = fLO/16 = 1.25MHz, measured
at 1kHz offset
-153.6
dBc/Hz
Two-Tone Intermodulation IMD3
fRF1 = 5MHz, 0.1VP-P, fRF2 = 5.01MHz at -25dBc,
fLO = 80MHz (Note 8)
-44
dBc
Mixer Output-Voltage Compliance
Valid voltage range on summed mixer output pins (Note 12)
4.5
12
V
fRF = 1.1MHz,
fLO/16 = 1MHz
19
21.5
26
Transconductance (Note 13)
Calculated from LNA input voltage
and twice the I or Q current
fRF = 7.6MHz,
fLO/16 = 7.5MHz
19
21.5
26
mS


Similar Part No. - MAX2078CTK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
More results

Similar Description - MAX2078CTK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
Rev 0; 7/09
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
[Old version datasheet]   Ultrasound Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com