Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2035CCQ+D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2035CCQ+D
Description  Ultrasound Variable-Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2035CCQ+D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2035CCQ+D Datasheet HTML 3Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 4Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 5Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 6Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 7Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 8Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 9Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 10Page - Maxim Integrated Products MAX2035CCQ+D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Ultrasound Variable-Gain Amplifier
_______________________________________________________________________________________
7
TWO-TONE ULTRASOUND-SPECIFIC IMD3
vs. FREQUENCY
-70
-20
-30
-40
-50
-60
-10
0
010
515
20
25
FREQUENCY (MHz)
VOUT = 1VP-P DIFFERENTIAL
GAIN = 20dB
0
10
5
25
20
15
30
35
45
40
50
-4.50
-3.00
-2.25
-3.75
-1.50
-0.75
0.75
1.50
2.25
3.00
3.75
4.50
GAIN ERROR (dB)
GAIN ERROR HISTOGRAM
SAMPLE SIZE = 188 UNITS
fIN_ = 5MHz, GAIN = 20dB
-100
-75
-50
-25
0
25
50
75
100
-15
5
-5
15
25
35
45
GAIN (dB)
OUTPUT COMMON-MODE OFFSET VOLTAGE
vs. GAIN
DIFFERENTIAL OUTPUT IMPEDANCE
MAGNITUDE vs. FREQUENCY
0.1
10
100
FREQUENCY (MHz)
1
200
60
80
100
120
140
180
160
HARMONIC DISTORTION
vs. DIFFERENTIAL OUTPUT LOAD RESISTANCE
-100
-75
-80
-85
-90
-95
-70
-65
-60
-55
-50
-45
-40
200
800
500
1100
1400
1700
2000
DIFFERENTIAL OUTPUT LOAD (
Ω)
VOUT = 1VP-P DIFFERENTIAL
f = 5MHz, GAIN = 20dB
THIRD HARMONIC
SECOND HARMONIC
HARMONIC DISTORTION
vs. DIFFERENTIAL OUTPUT LOAD CAPACITANCE
-100
-75
-80
-85
-90
-95
-70
-65
-60
-55
-50
-45
-40
545
25
65
85
105
DIFFERENTIAL OUTPUT LOAD (pF)
VOUT = 1VP-P DIFFERENTIAL
f = 5MHz, GAIN = 20dB
THIRD HARMONIC
SECOND HARMONIC
HARMONIC DISTORTION
vs. FREQUENCY
-100
-50
-60
-70
-80
-90
-40
-30
-20
-10
0
020
10
30
40
50
FREQUENCY (MHz)
VOUT = 1VP-P DIFFERENTIAL
GAIN = 20dB
THIRD HARMONIC
SECOND HARMONIC
Typical Operating Characteristics (continued)
(Figure 2, VCC = VREF = 4.75V to 5.25V, VGND = 0, PD = 0, VG_CLAMP_MODE = 1, fRF = 5MHz, capacitance to GND at each of the
VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, TA = 0°C to +70°C. Typical val-
ues are at VCC = VREF = 5V, VCM = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2035CCQ+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035CCQ+D MAXIM-MAX2035CCQ+D Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
More results

Similar Description - MAX2035CCQ+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037 Datasheet
241Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com