Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1982EUT-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1982EUT-T
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982EUT-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1982EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 12Page - Maxim Integrated Products MAX1982EUT-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
only. The UVLO threshold is 4.2V, and VBIAS must
remain above this level for proper operation, regardless
of the level of VIN.
Input Capacitor
Bypass IN to ground with a 10µF or greater ceramic
capacitor. Bypass BIAS to ground with a 0.1µF ceramic
capacitor for normal operation in most applications.
Output Capacitor
Bypass OUT to ground with a low-ESR ceramic capaci-
tor greater than 10µF. The ESR must be less than
35m
Ω. Choose an output capacitor to maintain the
required output voltage tolerance during a load step.
The change in output voltage is,
where I is the load current, COUT is the output capaci-
tance, and
Δt is the duration of the load step.
Noise, PSRR, and Transient Response
The MAX1982/MAX1983 operate with low-dropout volt-
age and low quiescent current in notebook computers
while maintaining good noise, transient response, and
AC rejection specifications. See the
Typical Operating
Characteristics for a graph of Power-Supply Rejection
Ratio (PSRR) vs. Frequency. Improved supply-noise
rejection and transient response can be achieved by
increasing the values of the input and output capacitors
and use passive filtering techniques when operating
from noisy sources.
The MAX1982/MAX1983 load-transient response graphs
(see the
Typical Operating Characteristics) show two
components of the output response: a DC shift from the
output impedance due to the load current change and
the transient response. A typical transient response for a
step change in the load current from 1mA to 300mA is
20mV. Increasing the output capacitor’s value and
decreasing the ESR attenuate the overshoot.
Input/Output (Dropout) Voltage
A regulator’s minimum input-to-output voltage differen-
tial (dropout voltage) determines the lowest usable sup-
ply voltage. In battery-powered systems, the dropout
voltage determines the useful end-of-life battery volt-
age. Because the MAX1982/MAX1983 use an N-chan-
nel pass transistor, the dropout voltage is a function of
the drain-to-source on-resistance (RDS(ON) = 1
Ω max)
multiplied by the load current (see the
Typical
Operating Characteristics):
PC Board Layout Guidelines
The MAX1982/MAX1983 require proper layout to
achieve the intended output power level, high efficiency,
and low noise. Proper layout involves the use of a
ground plane, appropriate component placement, and
correct routing of traces using appropriate trace widths.
1) Minimize high-current ground loops. Connect the
ground of the device, the input capacitor, and the
output capacitor together at one point.
2) To optimize performance, a ground plane is essen-
tial. Use all available copper layers in applications
where the device is located on a multilayer board.
3) Connect the input filter capacitor less than 10mm
from IN. The connecting copper trace carries large
currents and must be at least 2mm wide, preferably
5mm wide.
4) Use as much copper as necessary to increase the
thermal resistance of the device. In general, more
copper provides better heatsinking capabilities.
VV
V
R
I
DROPOUT
IN
OUT
DS ON
OUT
==
×
()
Δ
Δ
V
I ESR
t
COUT
=+
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
______________________________________________________________________________________
11
INPUT-OUTPUT DIFFERENTIAL VOLTAGE (V)
5
4
3
2
1
50
100
150
200
250
300
350
0
0
MAXIMUM CONTINUOUS CURRENT
TA = +25
°C
TJ = +150
°C
TA = +50
°C
TA = +70
°C
Figure 5. Power Operating Region—Maximum Output Current
vs. Supply Voltage


Similar Part No. - MAX1982EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results

Similar Description - MAX1982EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com