Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2031 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2031
Description  High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2031 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2031_09 Datasheet HTML 3Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 4Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 5Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 6Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 7Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 8Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 9Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 10Page - Maxim Integrated Products MAX2031_09 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
High-Linearity, 650MHz to 1000MHz Upconversion/
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
7
60
55
50
45
40
850
1050
950
1150
1250
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -40
°C, -25°C
TC = +85
°C
TC = +25
°C
60
55
50
45
40
850
1050
950
1150
1250
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
60
55
50
45
40
850
1050
950
1150
1250
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
-20
-30
-40
-50
-60
960
1060
1010
1110
1160
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -40
°C, -25°C
TC = +25
°C
TC = +85
°C
TC = -40
°C, -25°C
TC = +25
°C
TC = +85
°C
-20
-30
-40
-50
-60
960
1060
1010
1110
1160
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
-20
-30
-40
-50
-60
960
1060
1010
1110
1160
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
-45
-35
-40
-25
-30
-20
-15
850
1050
950
1150
1250
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -40
°C, -25°C
TC = +85
°C
TC = +25
°C
-45
-35
-40
-25
-30
-20
-15
850
1050
950
1150
1250
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
-45
-35
-40
-25
-30
-20
-15
850
1050
950
1150
1250
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
Downconverter Curves
Typical Operating Characteristics (continued)
(
Typical Application Circuit, optimized for the 800MHz/900MHz cellular band (see Table 1), C1 = 82pF, C5 = 2pF, L1 and C4 not used,
VCC = 5.0V, PLO = 0dBm, PRF = 0dBm, fLO > fRF, fIF = 160MHz, TC = +25°C, unless otherwise noted.)


Similar Part No. - MAX2031_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
MAX20310 MAXIM-MAX20310 Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
MAX20310 MAXIM-MAX20310 Datasheet
589Kb / 7P
   Fully Assembled and Tested
Rev 0; 1/17
MAX20310AEWE MAXIM-MAX20310AEWE Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
MAX20310AEWET MAXIM-MAX20310AEWET Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
More results

Similar Description - MAX2031_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com