Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1772EEI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1772EEI
Description  Low-Cost, Multichemistry Battery-Charger Building Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1772EEI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1772EEI Datasheet HTML 1Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 2Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 3Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 4Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 5Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 6Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 7Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 8Page - Maxim Integrated Products MAX1772EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Cost, Multichemistry Battery-
Charger Building Block
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3.0V, VVCTL = VICTL = 0.75  VREFIN, VCELLS = 2.0V,
VACIN = 0V, CLS = REF, VBST - VLX = 4.5V, VGND = VPGND = 0V, CLDO = 1µF, LDO = DLOV, CREF = 1µF; pins CCI, CCS, and CCV
are compensated per Figure 1a; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VVCTL = VREFIN (2, 3, or 4 cells)
(see Equation 1)
-0.5
+0.5
Battery-Regulation Voltage
Accuracy
VVCTL = VREFIN/20 (2, 3, or 4 cells)
(see Equation 1)
-0.5
+0.5
%
REFIN Range
2.0
3.6
V
REFIN Undervoltage Lockout
1.20
1.92
V
ICHG Transconductance
VICHG to (VCSIP - VCSIN); VCSIP -
VCSIN = 0.185V; VICHG = 0V, 3.0V
0.95
1.00
1.05
µS
VCSIP - VCSIN = 0.185V
-5
+5
ICHG Accuracy
VCSIP - VCSIN = 0.05V
-10
+10
%
IINP Transconductance
VIINP to (VCSSP - VCSSN); VCSSP -
VCSSN = 0.185V; VIINP = 0V, 3.0V (Note 3)
0.85
1.00
1.15
µS
VCSSP - VCSSN = 0.185V
-15
+15
IINP Current Accuracy
VCSSP - VCSSN = 0.05V
(Note 3)
-20
+20
%
VCSSP - VCSSN = 0.08V, VCLS = 1.6V
-10
+10
CSSP - CSSN Accuracy
VCSSP - VCSSN = 0.2V, CLS = REF
-10
+10
%
CSSP + CSSN Input Voltage
Range
8.0
28
V
LOGIC LEVELS
CELLS Input Low Voltage
0.2
V
CELLS Input Middle Voltage
0.4
VLDO
- 0.5
V
CELLS Input High Voltage
VLDO
- 0.25
VLDO
V
CELLS Input Bias Current
VCELLS = 0V or VLDO
-10
+10
µA
ACOK Sink Current
VACOK = 0.4V
1
mA
ACOK Leakage Current
VACOK = 5.5V
-1
+1
µA


Similar Part No. - MAX1772EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772EEI MAXIM-MAX1772EEI Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
More results

Similar Description - MAX1772EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
   Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com